| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DTM bảng dữ liệu(PDF) 15 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
DTM bảng dữ liệu(HTML) 15 Page - TE Connectivity Ltd |
|
15 / 16 page ![]() 15 DT Series Technical Manual Accessories Back Shells Connector DT04-2P / DT06-2S DT04-3P / DT06-3S DT04-4P / DT06-4S DT04-6P / DT06-6S DT04-8P / DT06-8S DT04-12P / DT06-12S Corrugated Tube Details X + 16,0 X + 18,0 X + 16,0 - - - 9,3 2,8 X + 16,0 X + 18,0 X + 16,0 - - - 10,0 2,7 X + 10,0 X + 12,5 X + 10,0 X + 20,0 X + 20,0 - 11,7 2,4 X + 7,0 X + 7,0 X+ 13,0 X + 14,0 X + 24,5 - 13,0 2,7 - - - X + 7,0 X + 8,0 X + 16,0 15,8 2,7 - - - - - X + 10,0 21,2 3,3 NW6 NW7,5 NW8,5 NW10 NW13 NW17 D P X = Tube length needed for harness Tube size by connector and additional length (mm) needed Connector DT04-2P / DT06-2S DT04-3P / DT06-3S DT04-4P / DT06-4S DT04-6P / DT06-6S DT04-8P / DT06-8S DT04-12P / DT06-12S 50 / 50 50 / 50 50 / 50 50 / 50 50 / 50 50 / 50 50 / 10 50 / 50 50 / 25 50 / 30 50 / 35 50 / 40 F P (N) F P(N) Pull Off Strength** ** Valid for unslit corrugated tubes. Follow also connector mounting instruction: no force must apply to wires and connector to maintain continuous tightness of the connection. * The corrugated tube must be placed into the ribs as per the above table. Connector DT04-2P / DT06-2S DT04-3P / DT06-3S DT04-4P / DT06-4S DT04-6P / DT06-6S DT04-8P / DT06-8S DT04-12P / DT06-12S 6 7 6 - - - 6 7 6 - - - 4 5 4 7 7 - 3 3 3 5 5 7 - - - 3 3 5 - - - - - 3 NW6 NW7,5 NW8,5 NW10 NW13 NW17 Ribs to be used for tube mounting* F P F P F T F T 900 900 Strain Relief D NW Tube details (sectional view) Rib No.: 6 3 1 A STEP AHEAD DT Series Manual #50907.indd 15 7/31/2008 5:14:39 PM |