| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DTM bảng dữ liệu(PDF) 2 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
DTM bảng dữ liệu(HTML) 2 Page - TE Connectivity Ltd |
|
2 / 16 page ![]() Table of Contents Introduction Features & Benefits Product Line Overview Material Specifications General Specifications Ordering Information Insert Arrangements Contacts & Application Data 2, 3 3 4 5 5 6 7, 8 9 DT Series Technical Manual 2 Contact Retention System Assembly Contact Insertion / Removal Accessories Shrink Boot Adaptor Removal Tools / Sealing Plugs DT Mounting Clips Back Shells 10 11 12 12 12 13 14, 15 Deutsch DTM Series Deutsch DTM Series of transportation connectors feature a miniature contact with an enhanced design based on the world class, field-proven Deutsch DT Series. The DTM is the connector to be used in harsh environmental application where reliable signal circuits are critical to operating performance. Typical applications include on or around the engine, the transmission and under the hood. Environmentally-Sealed Transportation Connectors Deutsch DT Series An environmentally-sealed connector designed specifically for cable to cable applications on the engine or transmission, under the hood, on the chassis or in the cab. On signal level circuits in harsh environmental conditions, where even a small degradation in connection may be critical, the Deutsch DT Series general purpose connectors will provide the reliability and performance at the lowest cost. A STEP AHEAD DT Series Manual #50907.indd 2 7/31/2008 5:14:33 PM |