công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC12LF1552 bảng dữ liệu(PDF) 68 Page - Microchip Technology

tên linh kiện PIC12LF1552
Giải thích chi tiết về linh kiện  28/40/44-Pin Flash, 8-Bit Microcontrollers with XLP Technology
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12LF1552 bảng dữ liệu(HTML) 68 Page - Microchip Technology

Back Button PIC12LF1552 Datasheet HTML 64Page - Microchip Technology PIC12LF1552 Datasheet HTML 65Page - Microchip Technology PIC12LF1552 Datasheet HTML 66Page - Microchip Technology PIC12LF1552 Datasheet HTML 67Page - Microchip Technology PIC12LF1552 Datasheet HTML 68Page - Microchip Technology PIC12LF1552 Datasheet HTML 69Page - Microchip Technology PIC12LF1552 Datasheet HTML 70Page - Microchip Technology PIC12LF1552 Datasheet HTML 71Page - Microchip Technology PIC12LF1552 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 356 page
background image
PIC16LF1566/1567
DS40001817B-page 68
Preliminary
 2015-2016 Microchip Technology Inc.
5.3
Clock Switching
The system clock source can be switched between
external and internal clock sources via software using
the System Clock Select (SCS) bits of the OSCCON
register. The following clock sources can be selected
using the SCS bits:
• Default system oscillator determined by FOSC
bits in Configuration Words
• Internal Oscillator Block (INTOSC)
5.3.1
SYSTEM CLOCK SELECT (SCS)
BITS
The System Clock Select (SCS) bits of the OSCCON
register selects the system clock source that is used for
the CPU and peripherals.
• When the SCS bits of the OSCCON register = 00,
the system clock source is determined by value of
the FOSC<1:0> bits in the Configuration Words.
• When the SCS bits of the OSCCON register = 1x,
the system clock source is chosen by the internal
oscillator frequency selected by the IRCF<3:0>
bits of the OSCCON register. After a Reset, the
SCS bits of the OSCCON register are always
cleared.
When switching between clock sources, a delay is
required to allow the new clock to stabilize. These
oscillator delays are shown in Table 5-1.
TABLE 5-1:
OSCILLATOR SWITCHING DELAYS
Switch From
Switch To
Frequency
Oscillator Delay
Sleep
LFINTOSC(1)
MFINTOSC(1)
HFINTOSC(1)
31 kHz
31.25 kHz-500 kHz
31.25kHz-16MHz
Oscillator Warm-Up Delay TWARM(2)
Sleep/POR
EC(1)
DC – 32 MHz
2 cycles
LFINTOSC
EC(1)
DC – 32 MHz
1 cycle of each
Any clock source
MFINTOSC(1)
HFINTOSC
31.25 kHz-500 MHz
31.25kHz-16MHz
2
s (approx.)
Any clock source
LFINTOSC
31 kHz
1 cycle of each
PLL inactive
PLL active
16-32 MHz
2 ms (approx.)
Note 1:
PLL inactive
2:
See Section 25.0 “Electrical Specifications”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com