công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WS2G bảng dữ liệu(PDF) 6 Page - Metcal

tên linh kiện WS2G
Giải thích chi tiết về linh kiện  Soldering Tools and Equipment for Electronics Assembly
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  METCAL [Metcal]
Trang chủ  https://www.metcal.com/
Logo METCAL - Metcal

WS2G bảng dữ liệu(HTML) 6 Page - Metcal

Back Button WS2G Datasheet HTML 2Page - Metcal WS2G Datasheet HTML 3Page - Metcal WS2G Datasheet HTML 4Page - Metcal WS2G Datasheet HTML 5Page - Metcal WS2G Datasheet HTML 6Page - Metcal WS2G Datasheet HTML 7Page - Metcal WS2G Datasheet HTML 8Page - Metcal WS2G Datasheet HTML 9Page - Metcal WS2G Datasheet HTML 10Page - Metcal Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
3
637A
670A
642A
Heavy
Light
637A
670A
642A
CF=.89
CF=.50
CF=.25
Powered
by
SmartHeat®
Savvyelectronicproductionengineersdefine
successbyhowtheymaximizetheir
productivity,yield,andproductreliability.All
ofthesefactorsdependdirectlyuponprocess
control.Toachievesuccess,OKInternational
hasdevelopedSmartHeat®conduction
solderingsystemswhichuniquelysensethe
exactthermalrequirementforeachsolderjoint
andrespondbydeliveringthepreciseamount
ofthermalenergyattheraterequiredtocreate
areliableconnection.Theresultisahigh
degreeofcontrolwithoutresortingtohighertip
idletemperaturesrequiredbyconventional
ceramicheatertechnologies.Consequentlythe
riskofcomponent/boarddamageisminimized,
especiallyimportantwiththegreaterthermal
demandsrequiredbylead-freeapplications.
Asyouʼllseebelow,SmartHeat®provides
uniquebenefitsinthedeliveryofhigh
reliabilitylowriskconductionsoldering
solutions,especiallywithlead-freealloys.All
oftheseadduptoprovideahighlyconsistent
levelofprocesscontrol.
SmartHeat® Delivers Direct Power
Firstandforemost,thesuccessofconductionsolderingdependsupon
theavailabilityandcontrolledflowofthermalenergyintotheconnection
duringthetwocriticalphases-fluxactivationandintermetallicbond
formation.Lead-freealloys,withhigherthermaldemands,further
heightentheserequirements.Conventionalceramicheatersattemptto
controlthisprocessbymanagingindirectparameters,suchasthetipidletemperature.Incontrast,SmartHeat®
Technologysensesthespecificthermaldemanddirectlyatthesolderpadanddeliverstheprecisequantityandflowof
thermalenergyduringbothphasestoensureareliableconnection.
Precision Tip Selection - The Conductivity Factor
Duringtheexecutionofasuccessfullysolderingconnection,thetipisthethermalenergy“highway”fromtheheaterto
thepadand,therefore,thechoiceoftip
geometryiscriticaltopreventpowerlosses.
Inadditiontoprovidingthemostthermally
efficienttipdesigns,OKInternationalhas
pioneeredthetip“ConductivityFactor”rating
systemprovidingoperatorswithquantifiable
guidanceintheselectionoftheoptimumtip
geometry.Additionally,ourproprietary
PowerMetercanquantifyexactpadenergy
requirements,furtherrefiningthetipselection
process.Lead-freealloys,withtighterthermal
demands,makethesetoolsmandatory.
SmartHeat® Technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com