công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCM1609APT.B bảng dữ liệu(PDF) 38 Page - Texas Instruments

tên linh kiện PCM1609APT.B
Giải thích chi tiết về linh kiện  24-BIT 192-kHz SAMPLING 8-CHANNEL ENHANCED MULTILEVEL DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1609APT.B bảng dữ liệu(HTML) 38 Page - Texas Instruments

Back Button PCM1609APT.B Datasheet HTML 34Page - Texas Instruments PCM1609APT.B Datasheet HTML 35Page - Texas Instruments PCM1609APT.B Datasheet HTML 36Page - Texas Instruments PCM1609APT.B Datasheet HTML 37Page - Texas Instruments PCM1609APT.B Datasheet HTML 38Page - Texas Instruments PCM1609APT.B Datasheet HTML 39Page - Texas Instruments PCM1609APT.B Datasheet HTML 40Page - Texas Instruments PCM1609APT.B Datasheet HTML 41Page - Texas Instruments PCM1609APT.B Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
www.ti.com
KEY PERFORMANCE PARAMETERS AND MEASUREMENT
TOTAL HARMONIC DISTORTION + NOISE (THD+N)
S/PDIF
Receiver
Evaluation Board
DEM-DAI1609A
PCM1609A
2nd-Order
Low-Pass
Filter
Notch Filter
Band Limit
Analyzer
and
Display
Digital
Generator
S/PDIF
Output
100% Full-Scale
24-Bit, 1-kHz
Sine Wave
rms Mode
HPF = 22 Hz(1)
LPF = 30 kHz(1)
Option = 20-kHz Apogee Filter(2)
fC = 1 kHz
f–3 dB = 54 kHz
B0062-03
DYNAMIC RANGE
PCM1609A
SLES145B – AUGUST 2005 – REVISED MARCH 2008
This section provides information on how to measure key dynamic performance parameters for the PCM1609A.
In all cases, a System Two™ Cascade audio measurement system by Audio Precision™ or equivalent is used to
perform the testing.
THD+N is a significant feature of merit for audio DACs, because it takes into account both harmonic distortion
and all noise sources within a specified measurement bandwidth. The true rms value of the distortion and noise
is referred to as THD+N. The test setup for THD+N measurements is shown in Figure 39.
(1)
There is little difference in measured THD+N when using the various settings for these filters.
(2)
Required for THD+N test
Figure 39. Test Setup for THD+N Measurements
For PCM1609A DACs, THD+N is measured with a full-scale 1-kHz digital sine wave as the test stimulus at the
input of the DAC. The digital generator is set to a 24-bit audio word length and a sampling frequency of 44.1 kHz
or 96 kHz. The digital generator output is taken from the unbalanced S/PDIF connector of the measurement
system. The S/PDIF data is transmitted via coaxial cable to the digital audio receiver on the DEM-DAI1602
demonstration board. The receiver is then configured to output 24-bit data in either I2S or left-justified data
format. The DAC audio interface format is programmed to match the receiver output format. The analog output is
then taken from the DAC post filter and connected to the analog analyzer input of the measurement system. The
analog input is band limited, using filters resident in the analyzer. The resulting THD+N is measured by the
analyzer and displayed by the measurement system.
Dynamic range is specified as A-weighted THD+N measured with a –60-dBFS 1-kHz digital sine-wave stimulus
at the input of the DAC. This measurement is designed to give a good indication of how the DAC performs, given
a low-level input signal.
The measurement setup for the dynamic range measurement is shown in Figure 40, and is similar to the THD+N
test setup discussed previously. The differences include the band-limit filter selection, the additional A-weighting
filter, and the –60-dBFS input level.
38
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): PCM1609A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com