công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCM1609APT.B bảng dữ liệu(PDF) 19 Page - Texas Instruments

tên linh kiện PCM1609APT.B
Giải thích chi tiết về linh kiện  24-BIT 192-kHz SAMPLING 8-CHANNEL ENHANCED MULTILEVEL DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1609APT.B bảng dữ liệu(HTML) 19 Page - Texas Instruments

Back Button PCM1609APT.B Datasheet HTML 15Page - Texas Instruments PCM1609APT.B Datasheet HTML 16Page - Texas Instruments PCM1609APT.B Datasheet HTML 17Page - Texas Instruments PCM1609APT.B Datasheet HTML 18Page - Texas Instruments PCM1609APT.B Datasheet HTML 19Page - Texas Instruments PCM1609APT.B Datasheet HTML 20Page - Texas Instruments PCM1609APT.B Datasheet HTML 21Page - Texas Instruments PCM1609APT.B Datasheet HTML 22Page - Texas Instruments PCM1609APT.B Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
www.ti.com
CONTROL INTERFACE TIMING REQUIREMENTS
t(MCH)
1.4 V
ML
t(MLS)
LSB
1.4 V
t(MCL)
t(MHH)
t(MLH)
t(MCY)
t(MDH)
t(MDS)
MC
MDI
LSB
MDI
T0013-05
LSB
50% of VDD
MDO
t(MOS)
1.4 V
PCM1609A
SLES145B – AUGUST 2005 – REVISED MARCH 2008
Figure 26 shows the timing of the auto-increment read operation. The operation begins by writing control register
11, setting INC to 1, and setting REG[6:0] to the first register to be read in the sequence. The actual read
operation starts on the next HIGH-to-LOW transition of the ML pin.
The read cycle starts by setting the R/W bit of the control word to 1, and setting all of the IDX[6:0] bits to 0. All
subsequent bits input on MDI are ignored while ML is set to 0. For the first eight clocks of the read cycle, MDO is
set to the high-impedance state. This is followed by a sequence of 8-bit words, each corresponding to the data
contained in control registers N through Y, where N is defined by the REG[6:0] bits in control register 11, and
where Y is the last register to be read. The read cycle is completed when ML is set to 1, immediately after the
MC clock cycle for the LSB of the last register has completed. If ML is held low and the MC clock continues
beyond the last physical register (register 19), the read operation returns to control register 1 and subsequent
control registers, continuing until ML is set to 1.
Figure 27 shows a detailed timing diagram for the serial control interface. Pay special attention to the setup and
hold times, as well as t(MLS) and t(MLH), which define minimum delays between the edges of the ML and MC
clocks. These timing parameters are critical for proper control-port operation.
SYMBOL
MIN
MAX
UNIT
t(MCY)
MC pulse cycle time
100
ns
t(MCL)
MC low-level time
50
ns
t(MCH)
MC high-level time
50
ns
t(MHH)
ML high-level time
300
ns
t(MLS)
ML falling edge to MC rising edge
20
ns
t(MLH)
ML hold time (1)
20
ns
t(MDH)
MDI hold time
15
ns
t(MDS)
MDL setup time
20
ns
t(MOS)
MC falling edge to MDO stable
30
ns
(1)
MC rising edge for LSB to ML rising edge
Figure 27. Control Interface Timing
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): PCM1609A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com