công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCM1609APT.B bảng dữ liệu(PDF) 33 Page - Texas Instruments

tên linh kiện PCM1609APT.B
Giải thích chi tiết về linh kiện  24-BIT 192-kHz SAMPLING 8-CHANNEL ENHANCED MULTILEVEL DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1609APT.B bảng dữ liệu(HTML) 33 Page - Texas Instruments

Back Button PCM1609APT.B Datasheet HTML 29Page - Texas Instruments PCM1609APT.B Datasheet HTML 30Page - Texas Instruments PCM1609APT.B Datasheet HTML 31Page - Texas Instruments PCM1609APT.B Datasheet HTML 32Page - Texas Instruments PCM1609APT.B Datasheet HTML 33Page - Texas Instruments PCM1609APT.B Datasheet HTML 34Page - Texas Instruments PCM1609APT.B Datasheet HTML 35Page - Texas Instruments PCM1609APT.B Datasheet HTML 36Page - Texas Instruments PCM1609APT.B Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
www.ti.com
POWER SUPPLIES AND GROUNDING
DAC OUTPUT FILTER CIRCUITS
–
2
3
1
OPA2134
+
VOUT
R4
C2
C1
R3
R2
R1
VIN
A
V + *
R
2
R
1
S0053-02
PCM1609A
SLES145B – AUGUST 2005 – REVISED MARCH 2008
A typical application diagram is shown in Figure 31. The REG1117-3.3 from TI is used to generate 3.3 V for VDD
from the 5-V analog power supply. The PLL170x from TI is used to generate the system clock input at SCKI, as
well as generating the clock for the audio signal processor.
Series resistors (22
Ω to 100 Ω) are recommended for SCKI, LRCK, BCK, DATA1, DATA2, DATA3, and DATA4.
The series resistor combines with the stray PCB and device input capacitance to form a low-pass filter, which
removes high-frequency noise from the digital signal, thus reducing high-frequency emission.
The PCM1609A requires a 5-V analog supply and a 3.3-V digital supply. The 5-V supply is used to power the
DAC analog and output filter circuitry, whereas the 3.3-V supply is used to power the digital filter and serial
interface circuitry. For best performance, the 3.3-V supply should be derived from the 5-V supply using a linear
regulator (see Figure 31).
Two capacitors are required for supply bypassing (see Figure 30). These capacitors should be located as close
as possible to the PCM1609A package. The 10-
µF capacitors should be tantalum or aluminum electrolytic,
whereas the 0.1-
µF capacitors are ceramic (X7R type is recommended for surface-mount applications).
Delta-sigma DACs use noise-shaping techniques to improve in-band signal-to-noise ratio (SNR) performance at
the expense of generating increased out-of-band noise above the Nyquist frequency, or fS/2. The out-of-band
noise must be low-pass filtered in order to provide optimal converter performance. This is accomplished by a
combination of on-chip and external low-pass filtering.
Figure 32 and Figure 33 show the recommended external low-pass active filter circuits for dual- and
single-supply applications. These circuits are second-order Butterworth filters using the multiple feedback (MFB)
circuit arrangement, which reduces sensitivity to passive component variations over frequency and temperature.
For more information regarding MFB active filter design, see the FilterPro™ MFB and Sallen-Key Low-Pass Filter
Design Program application report (literature number SBFA001) available from the TI web site (www.ti.com).
Because the overall system performance is defined by the quality of the DACs and their associated analog
output circuitry, high-quality audio operational amplifiers are recommended for the active filters. The OPA2134
and OPA2353 dual operational amplifiers from TI are shown in Figure 32 and Figure 33, and are recommended
for use with the PCM1609A.
Figure 32. Dual-Supply Filter Circuit
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): PCM1609A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com