công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LS1021ASE7HNB bảng dữ liệu(PDF) 13 Page - NXP Semiconductors

tên linh kiện LS1021ASE7HNB
Giải thích chi tiết về linh kiện  QorIQ LS1021A Data Sheet
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1021ASE7HNB bảng dữ liệu(HTML) 13 Page - NXP Semiconductors

Back Button LS1021ASE7HNB Datasheet HTML 9Page - NXP Semiconductors LS1021ASE7HNB Datasheet HTML 10Page - NXP Semiconductors LS1021ASE7HNB Datasheet HTML 11Page - NXP Semiconductors LS1021ASE7HNB Datasheet HTML 12Page - NXP Semiconductors LS1021ASE7HNB Datasheet HTML 13Page - NXP Semiconductors LS1021ASE7HNB Datasheet HTML 14Page - NXP Semiconductors LS1021ASE7HNB Datasheet HTML 15Page - NXP Semiconductors LS1021ASE7HNB Datasheet HTML 16Page - NXP Semiconductors LS1021ASE7HNB Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 205 page
background image
Table 1. Pinout list by bus (continued)
Signal
Signal description
Package
pin
number
Pin
type
Power supply
Notes
IFC_A27/GPIO2_27/
FTM5_EXTCLK/IFC_CS6_B
IFC Address
D13
O
BVDD
1, 6
IFC_AD00/cfg_gpinput0
IFC Address / Data
A7
IO
BVDD
4
IFC_AD01/cfg_gpinput1
IFC Address / Data
B8
IO
BVDD
4
IFC_AD02/cfg_gpinput2
IFC Address / Data
A8
IO
BVDD
4
IFC_AD03/cfg_gpinput3
IFC Address / Data
B9
IO
BVDD
4
IFC_AD04/cfg_gpinput4
IFC Address / Data
A9
IO
BVDD
4
IFC_AD05/cfg_gpinput5
IFC Address / Data
A10
IO
BVDD
4
IFC_AD06/cfg_gpinput6
IFC Address / Data
B11
IO
BVDD
4
IFC_AD07/cfg_gpinput7
IFC Address / Data
A11
IO
BVDD
4
IFC_AD08/cfg_rcw_src0/
SPI1_PCS1
IFC Address / Data
B12
IO
BVDD
4
IFC_AD09/cfg_rcw_src1/
SPI1_PCS2
IFC Address / Data
A12
IO
BVDD
4
IFC_AD10/cfg_rcw_src2/
SPI1_PCS3
IFC Address / Data
A13
IO
BVDD
4
IFC_AD11/cfg_rcw_src3/
SPI1_PCS4
IFC Address / Data
B14
IO
BVDD
4
IFC_AD12/cfg_rcw_src4/
SPI1_PCS5
IFC Address / Data
A14
IO
BVDD
4
IFC_AD13/cfg_rcw_src5/
SPI1_SOUT
IFC Address / Data
B15
IO
BVDD
4
IFC_AD14/cfg_rcw_src6
IFC Address / Data
A15
IO
BVDD
4
IFC_AD15/cfg_rcw_src7
IFC Address / Data
A16
IO
BVDD
4
IFC_AVD
IFC Address Valid
C16
O
BVDD
1, 5
IFC_BCTL
IFC Buffer control
E14
O
BVDD
2
IFC_CLE/cfg_rcw_src8
IFC Command Latch Enable /
Write Enable
E17
O
BVDD
1, 4
IFC_CLK0
IFC Clock
A17
O
BVDD
1
IFC_CLK1
IFC Clock
B17
O
BVDD
1
IFC_CS0_B
IFC Chip Select
C17
O
BVDD
1, 6
IFC_CS1_B/GPIO2_10/
SPI1_PCS0/FTM7_CH0
IFC Chip Select
D17
O
BVDD
1, 6
IFC_CS2_B/GPIO2_11/
SPI1_SCK/FTM7_CH1/
IIC3_SCL
IFC Chip Select
C18
O
BVDD
1, 6
IFC_CS3_B/GPIO2_12/
QSPI_DIO_B3/IIC3_SDA/
FTM7_EXTCLK
IFC Chip Select
F18
O
BVDD
1, 6
IFC_CS4_B/
IFC_A25/
GPIO2_25/QSPI_DIO_A3/
FTM5_CH0/IFC_RB2_B
IFC Chip Select
D12
O
BVDD
1
Table continues on the next page...
LS1021A Ball Map and Pin List
QorIQ LS1021A Data Sheet, Rev. 5, 09/2017
NXP Semiconductors
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More