công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LS1021ASE7HNB bảng dữ liệu(PDF) 39 Page - NXP Semiconductors

tên linh kiện LS1021ASE7HNB
Giải thích chi tiết về linh kiện  QorIQ LS1021A Data Sheet
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1021ASE7HNB bảng dữ liệu(HTML) 39 Page - NXP Semiconductors

Back Button LS1021ASE7HNB Datasheet HTML 35Page - NXP Semiconductors LS1021ASE7HNB Datasheet HTML 36Page - NXP Semiconductors LS1021ASE7HNB Datasheet HTML 37Page - NXP Semiconductors LS1021ASE7HNB Datasheet HTML 38Page - NXP Semiconductors LS1021ASE7HNB Datasheet HTML 39Page - NXP Semiconductors LS1021ASE7HNB Datasheet HTML 40Page - NXP Semiconductors LS1021ASE7HNB Datasheet HTML 41Page - NXP Semiconductors LS1021ASE7HNB Datasheet HTML 42Page - NXP Semiconductors LS1021ASE7HNB Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 205 page
background image
Table 1. Pinout list by bus (continued)
Signal
Signal description
Package
pin
number
Pin
type
Power supply
Notes
USB2_D3/
EC2_RXD3/
GPIO3_22/CAN4_RX/
FTM2_CH4
Data
R2
IO
LVDD
---
USB2_D4/
EC2_TXD0/
GPIO3_18/FTM2_CH2
Data
T3
IO
LVDD
---
USB2_D5/
EC2_TXD1/
GPIO3_17/FTM2_CH3
Data
T4
IO
LVDD
---
USB2_D6/
EC2_TXD2/
GPIO3_16/CAN3_TX/
FTM2_CH7
Data
R3
IO
LVDD
---
USB2_D7/
EC2_TXD3/
GPIO3_15/CAN4_TX/
FTM2_CH5
Data
R4
IO
LVDD
---
USB2_DIR/
EC2_RX_CLK/
GPIO3_26/FTM2_QD_PHA
USB2 Direction
R1
I
LVDD
1
USB2_DRVVBUS/
EC3_GTX_CLK125/
GPIO4_02/EC2_COL/
EC3_RX_ER
USB2 5V Supply Enable
Y4
O
LVDD
1
USB2_NXT/
EC2_RX_DV/
GPIO3_27/FTM2_QD_PHB
USB2 Next
V1
I
LVDD
1
USB2_PWRFAULT/
EC2_GTX_CLK125/
GPIO3_21/EC2_RX_ER
USB2 Power Fault
U5
I
LVDD
1
USB2_STP/
EC2_TX_EN/
GPIO3_19/FTM2_FAULT
USB2 Stop
T5
O
LVDD
1
IEEE1588
TSEC_1588_ALARM_OUT1/
EC3_TXD2/GPIO3_29/
FTM3_CH6
Alarm Out 1
V4
O
LVDD
1
TSEC_1588_ALARM_OUT2/
EC3_TXD3/GPIO3_28/
FTM3_CH7
Alarm Out 2
V3
O
LVDD
1
TSEC_1588_CLK_IN/
EC3_RX_CLK/GPIO4_07/
FTM3_QD_PHA
Clock In
V2
I
LVDD
1
TSEC_1588_CLK_OUT/
EC3_TXD1/GPIO3_30/
FTM3_CH5
Clock Out
W3
O
LVDD
1
TSEC_1588_PULSE_OUT1/
EC3_RXD1/GPIO4_05/
FTM3_CH3
Pulse Out 1
Y2
O
LVDD
1
TSEC_1588_PULSE_OUT2/
EC3_TXD0/GPIO3_31/
FTM3_CH4
Pulse Out 2
W4
O
LVDD
1
Table continues on the next page...
LS1021A Ball Map and Pin List
QorIQ LS1021A Data Sheet, Rev. 5, 09/2017
NXP Semiconductors
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More