| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LS1021ASE7HNB bảng dữ liệu(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LS1021ASE7HNB bảng dữ liệu(HTML) 8 Page - NXP Semiconductors |
|
8 / 205 page ![]() 1 2 3 4 5 6 7 8 9 10 11 12 1 2 3 4 5 6 7 8 9 10 11 12 M N P R T U V W Y AA AB AC M N P R T U V W Y AA AB AC UART1_ SOUT UART2_ SOUT UART1_ SIN UART2_ SIN UART1_ RTS_B UART2_ RTS_B UART1_ CTS_B UART2_ CTS_B IIC1_ SCL IIC1_ SDA IRQ2 IRQ3 IRQ5 TA_BB_ TMP_ DETECT_B SD1_ TX0_ P SD1_ TX1_ P SD1_ TX0_ N SD1_ TX1_ N SD1_ RX0_ P SD1_ RX1_ P SD1_ RX0_ N SD1_ RX1_ N SD1_ REF_ CLK1_P SD1_ REF_ CLK1_N SD1_ IMP_ CAL_RX SD1_ PLL1_ TPA SD1_ PLL1_ TPD EMI1_ MDC EMI1_ MDIO EC1_ TXD3 EC1_ TXD2 EC1_ TXD1 EC1_ TXD0 EC1_ TX_ EN EC1_ GTX_ CLK EC1_ GTX_ CLK125 EC1_ RXD3 EC1_ RXD2 EC1_ RXD1 EC1_ RXD0 EC1_ RX_ CLK EC1_ RX_ DV EC2_ TXD3 EC2_ TXD2 EC2_ TXD1 EC2_ TXD0 EC2_ TX_ EN EC2_ GTX_ CLK EC2_ GTX_ CLK125 EC2_ RXD3 EC2_ RXD2 EC2_ RXD1 EC2_ RXD0 EC2_ RX_ CLK EC2_ RX_ DV EC3_ TXD3 EC3_ TXD2 EC3_ TXD1 EC3_ TXD0 EC3_ TX_ EN EC3_ GTX_ CLK EC3_ GTX_ CLK125 EC3_ RXD3 EC3_ RXD2 EC3_ RXD1 EC3_ RXD0 EC3_ RX_ CLK EC3_ RX_ DV TDMB_ TXD TDMB_ TSYNC CLK11 CLK12 TA_BB_RTC NC_ M6 NC_ V7 DDR Interface 1 IFC DUART I2C eSDHC Interrupts Trust System Control ASLEEP SYSCLK DDR Clocking RTC DIFF_SYSCLK Debug DFT JTAG Analog Signals Serdes 1 USB PHY Ethernet MI 1 Ethernet Cont. 1 Ethernet Cont. 2 Ethernet Cont. 3 QE TDM eSDHC GND066 GND067 GND068 GND074 GND075 GND076 GND077 GND081 GND082 GND083 GND084 GND090 GND091 GND095 GND096 GND099 GND100 GND102 GND103 GND104 GND106 GND107 GND108 GND109 X1GND01 X1GND02 X1GND05 X1GND06 X1GND08 X1GND09 S1GND01 S1GND02 S1GND03 S1GND06 S1GND07 S1GND08 S1GND09 S1GND10 S1GND11 S1GND12 S1GND18 S1GND19 S1GND20 S1GND23 S1GND24 S1GND25 AGND_ SD1_PLL 1 SENSE GNDC D1VDD L1VDD1 L1VDD2 LVDD1 LVDD2 S1VDD1 S1VDD2 X1VDD1 X1VDD2 X1VDD4 VDD05 VDD07 VDD08 VDD10 VDDC2 VDDC3 VDDC4 TA_BB_ VDD AVDD_ SD1_ PLL1 SENSE VDDC Power Ground No Connects Reserved Figure 5. Detail C LS1021A Ball Map and Pin List QorIQ LS1021A Data Sheet, Rev. 5, 09/2017 8 NXP Semiconductors |