công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM96840W-MPR bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện LM96840W-MPR
Giải thích chi tiết về linh kiện  LM98640QML-SP Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LM96840W-MPR bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LM96840W-MPR Datasheet HTML 3Page - Texas Instruments LM96840W-MPR Datasheet HTML 4Page - Texas Instruments LM96840W-MPR Datasheet HTML 5Page - Texas Instruments LM96840W-MPR Datasheet HTML 6Page - Texas Instruments LM96840W-MPR Datasheet HTML 7Page - Texas Instruments LM96840W-MPR Datasheet HTML 8Page - Texas Instruments LM96840W-MPR Datasheet HTML 9Page - Texas Instruments LM96840W-MPR Datasheet HTML 10Page - Texas Instruments LM96840W-MPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
7
LM98640QML-SP
www.ti.com
SNAS461G – MAY 2010 – REVISED NOVEMBER 2018
Product Folder Links: LM98640QML-SP
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
(1)
All voltages are measured with respect to VSS = 0 V, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Recommended Operating Conditions indicate
conditions for which the device is functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance
characteristics may degrade when the device is not operated under the listed test conditions. Operation of the device beyond the
Recommended Operating Conditions is not recommended
(3)
When the input voltage (VIN) at any pin exceeds the power supplies (VIN < VSS or VIN > VDD33), the current at that pin should be
limited to 25 mA. The 50-mA maximum package input current rating limits the number of pins that can simultaneously safely exceed the
power supplies with an input current of 25 mA to two.
6
Specifications
6.1 Absolute Maximum Ratings
(1) (2)
PARAMETER
MIN
MAX
UNIT
Supply Voltage (VDD33)
4.2
V
Supply Voltage (VDD18)
2.35
V
Voltage on any VDD33 Input Pin
(Not to exceed 4.2 V)
–0.3
VDD33 + 0.3
V
Voltage on any VDD33 Output Pin
(Not to exceed 4.2 V)
–0.3
VDD33 + 0.3
V
Voltage on any VDD18 Input or Output Pin (33 to 52)
(Not to exceed 2.35 V)
–0.3
VDD18 + 0.3
V
Input Current at any pin other than Supply Pins(3)
±25
mA
Package Input Current (except Supply Pins) (3)
±50
mA
Maximum Junction Temperature (TA)
150
°C
Storage Temperature
–65
150
°C
(1)
Human body model is 100-pF capacitor discharged through a 1.5-kΩ resistor. Machine model is 220-pF discharged through 0 Ω.
(2)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions. Pins listed as ±2500 V may actually have higher performance.
(3)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions. Pins listed as ±250 V may actually have higher performance.
6.2 ESD Ratings
(1)
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(2)
±2500
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(3)
±250
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions. Operation of the device beyond the Operating Ratings is not
recommended.
(2)
All voltages are measured with respect to VSS = 0 V, unless otherwise specified.
(3)
When the input voltage (VIN) at any pin exceeds the power supplies (VIN < VSS or VIN > VDD33), the current at that pin should be
limited to 25 mA. The 50-mA maximum package input current rating limits the number of pins that can simultaneously safely exceed the
power supplies with an input current of 25 mA to two.
6.3 Recommended Operating Conditions
(1)
PARAMETER
MIN
MAX
UNIT
Operating Temperature (TA)
–55
125
°C
VDD33(2)(3)
3.15
3.45
V
VDD18(2)(3)
1.7
1.9
V
| VSS33 - VSS18 |
100
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com