công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM96840W-MPR bảng dữ liệu(PDF) 21 Page - Texas Instruments

tên linh kiện LM96840W-MPR
Giải thích chi tiết về linh kiện  LM98640QML-SP Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LM96840W-MPR bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button LM96840W-MPR Datasheet HTML 17Page - Texas Instruments LM96840W-MPR Datasheet HTML 18Page - Texas Instruments LM96840W-MPR Datasheet HTML 19Page - Texas Instruments LM96840W-MPR Datasheet HTML 20Page - Texas Instruments LM96840W-MPR Datasheet HTML 21Page - Texas Instruments LM96840W-MPR Datasheet HTML 22Page - Texas Instruments LM96840W-MPR Datasheet HTML 23Page - Texas Instruments LM96840W-MPR Datasheet HTML 24Page - Texas Instruments LM96840W-MPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
LM98640QML-SP
CCD Timing
Analog
Front End
Sensor Drivers
Image
Processor/
ASIC
Data Output
SPI
CCD/CIS Sensor
21
LM98640QML-SP
www.ti.com
SNAS461G – MAY 2010 – REVISED NOVEMBER 2018
Product Folder Links: LM98640QML-SP
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
Functional Block Diagram (continued)
Figure 14. Typical CCD System
7.3 Feature Description
7.3.1 Input Sampling Modes
The LM98640QML-SP provides two input sampling modes, Sample & Hold mode and Correlated Double Sample
(CDS) mode. The following sections describe these two input sampling modes.
7.3.1.1 Sample & Hold Mode
In Sample/Hold mode, a Video Level signal and a Reference Level signal need to be presented to the
LM98640QML-SP. The Reference Level signal must be connected to the OSX+ pin, and the Video Level signal
connected to the OSX- pin. The output code will then be OSX+ minus OSX-, or the difference between the
Reference Level and Video Level. A minimum code represents zero deviation between the Reference and Video
Levels and a maximum code represents a 2-V deviation between the Reference and Video Levels with CDS and
PGA gains of 1x.
The Reference Level signal can be either an external signal from the image sensor, or the VCLP pin can be
externally connected to the OSX+ pin. In order to fully utilize the range of the input circuitry it is desirable to
cause the Black Level signal voltage to be as close to the Reference Level voltage as possible, resulting in a
near zero scale output for Black Level pixels. The LM98640QML-SP provides several methods for ensuring the
Black Level signal and Reference Level are matched, these are described in the Input Bias and Clamping
section.
To place the LM98640QML-SP in Sample & Hold Mode from power up, first write the baseline configuration to
the registers as shown in Table 5. This configuration has Sample & Hold mode enabled by default. Next, the
SAMPLE pulse must be properly positioned over the input signal using the CLAMP/SAMPLE Adjust.
7.3.1.1.1
Sample & Hold Mode CLAMP/SAMPLE Adjust
For accurate sampling of the input signals the LM98640QML-SP allows for full adjustment of the internal
SAMPLE pulse to align it to the proper positions over the input signal. In Sample & Hold mode the SAMPLE
pulse should be placed over the pixel output period of the image sensor. Only the Sample Start and Sample End
Registers (0x22,0x23) need to be configured, the Clamp Start and Clamp End Registers (0x20,0x21) are not
valid in Sample & Hold Mode. Internally the input clock is divided into 64 edges per clock period, the Sample
Start and Sample End Registers correspond to the internal edge number the SAMPLE pulse will start and end.
To adjust the SAMPLE pulse, first send the CLAMP and SAMPLE signals to the DTM pins by writing 10 to
bits[4:3] of the Clock Monitor Register (0x09). This will allow the user to observe the SAMPLE pulse on pin DTM1
along with the image sensor output using an oscilloscope. Then, using the Sample Start and End Registers,
adjust the SAMPLE pulse to align it over the Video Level portion of the image sensor output. To allow for settling
and to reduce noise, the SAMPLE pulse should be made as wide as possible and fill the entire Video Level
portion of the input signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com