công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM96840W-MPR bảng dữ liệu(PDF) 29 Page - Texas Instruments

tên linh kiện LM96840W-MPR
Giải thích chi tiết về linh kiện  LM98640QML-SP Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LM96840W-MPR bảng dữ liệu(HTML) 29 Page - Texas Instruments

Back Button LM96840W-MPR Datasheet HTML 25Page - Texas Instruments LM96840W-MPR Datasheet HTML 26Page - Texas Instruments LM96840W-MPR Datasheet HTML 27Page - Texas Instruments LM96840W-MPR Datasheet HTML 28Page - Texas Instruments LM96840W-MPR Datasheet HTML 29Page - Texas Instruments LM96840W-MPR Datasheet HTML 30Page - Texas Instruments LM96840W-MPR Datasheet HTML 31Page - Texas Instruments LM96840W-MPR Datasheet HTML 32Page - Texas Instruments LM96840W-MPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
29
LM98640QML-SP
www.ti.com
SNAS461G – MAY 2010 – REVISED NOVEMBER 2018
Product Folder Links: LM98640QML-SP
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
Feature Description (continued)
(1)
Referred to Input
7.3.4 Programmable Analog Offset Correction
The LM98640QML-SP provides two analog DACs per channel to provide flexibility in offset control. Each channel
has a Coarse DAC and Fine DAC which have ±8-bit resolutions (8 bit + Sign). The two DACs can be used
independently or as Coarse/Fine configuration. The Coarse DAC provides a sufficient range with moderate step
sizes, while the Fine DAC is for designs which need a finely tuned offset. The correction voltage is applied to the
"Video" level for both Sample & Hold and CDS input modes. Because of the DACs location in the signal path, the
correction range lowers as CDS gain increases, and the output referred correction steps and ranges increase
with PGA gain. Table 1 provides the range and step size of each DAC.
Table 1. Analog Offset DAC Specifications
CDS/SH GAIN
RANGE(1)
STEP SIZE(1)
OUTPUT ADC CODES
Coarse DAC
1x
±250 mV
1 mV
±2048
2x
±125 mV
500 µV
±2048
Fine DAC
1x
±5 mV
20 µV
±41
2x
±2.5 mV
10 µV
±41
To use the Offset Correction DACs, the Coarse DAC and Fine DAC must be enabled using bits[6:5] of the Main
Configuration Register (0x00). Then the desired correction value should be entered into the CDAC or FDAC
register of the appropriate channel. The Offset Correction DACs use a signed binary format which is summarized
in Table 2.
Table 2. Analog Offset Correction DAC Format
CDAC / FDAC INPUT VALUE
CDAC CORRECTION (CODES)
FDAC CORRECTION (CODES)
1 1111 1111
+2048
+41
1 0111 1111
+1024
+20
0 1111 1111
0
0
0 0111 1111
–1024
–20
0 0000 0000
–2048
–41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com