công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC902E/2K5 bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện DAC902E/2K5
Giải thích chi tiết về linh kiện  12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DAC902E/2K5 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  DAC902E/2K5 Datasheet HTML 1Page - Texas Instruments DAC902E/2K5 Datasheet HTML 2Page - Texas Instruments DAC902E/2K5 Datasheet HTML 3Page - Texas Instruments DAC902E/2K5 Datasheet HTML 4Page - Texas Instruments DAC902E/2K5 Datasheet HTML 5Page - Texas Instruments DAC902E/2K5 Datasheet HTML 6Page - Texas Instruments DAC902E/2K5 Datasheet HTML 7Page - Texas Instruments DAC902E/2K5 Datasheet HTML 8Page - Texas Instruments DAC902E/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
DAC902
3
SBAS094B
DAC902U/E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ELECTRICAL CHARACTERISTICS (Cont.)
At TA = full specified temperature range, +VA = +5V, +VD = +5V, differential transformer coupled output, 50Ω doubly terminated, unless otherwise specified.
DYNAMIC PERFORMANCE (Cont.)
Output Settling Time(2)
to 0.1%
30
ns
Output Rise Time(2)
10% to 90%
2
ns
Output Fall Time(2)
10% to 90%
2
ns
Glitch Impulse
3pV-s
DC-ACCURACY
Full-Scale Output Range(3)(FSR)
All Bits High, IOUT
2.0
20.0
mA
Output Compliance Range
–1.0
+1.25
V
Gain Error
With Internal Reference
–10
±1
+10
%FSR
Gain Error
With External Reference
–10
±2
+10
%FSR
Gain Drift
With Internal Reference
±120
ppmFSR/
°C
Offset Error
With Internal Reference
–0.025
+0.025
%FSR
Offset Drift
With Internal Reference
±0.1
ppmFSR/
°C
Power-Supply Rejection, +VA
–0.2
+0.2
%FSR/V
Power-Supply Rejection, +VD
–0.025
+0.025
%FSR/V
Output Noise
IOUT = 20mA, RLOAD = 50Ω
50
pA/
√Hz
Output Resistance
200
k
Ω
Output Capacitance
IOUT, IOUT to Ground
12
pF
REFERENCE
Reference Voltage
+1.24
V
Reference Tolerance
±5%
Reference Voltage Drift
±50
ppmFSR/
°C
Reference Output Current
10
µA
Reference Input Resistance
1M
Ω
Reference Input Compliance Range
0.1
1.25
V
Reference Small-Signal Bandwidth(4)
1.3
MHz
DIGITAL INPUTS
Logic Coding
Straight Binary
Latch Command
Rising Edge of Clock
Logic High Voltage, VIH
+VD = +5V
3.5
5
V
Logic Low Voltage, VIL
+VD = +5V
0
1.2
V
Logic High Voltage, VIH
+VD = +3V
2
3
V
Logic Low Voltage, VIL
+VD = +3V
0
0.8
V
Logic High Current, IIH(5)
+VD = +5V
±20
µA
Logic Low Current, IIL
+VD = +5V
±20
µA
Input Capacitance
5pF
POWER SUPPLY
Supply Voltages
+VA
+2.7
+5
+5.5
V
+VD
+2.7
+5
+5.5
V
Supply Current(6)
IVA
24
30
mA
IVA, Power-Down Mode
1.1
2
mA
IVD
815
mA
Power Dissipation
+5V, IOUT = 20mA
170
230
mW
+3V, IOUT = 2mA
50
mW
Power Dissipation, Power-Down Mode
45
mW
Thermal Resistance,
θ
JA
SO-28
75
°C/W
TSSOP-28
50
°C/W
NOTES: (1) At output IOUT, while driving a virtual ground. (2) Measured single-ended into 50Ω Load. (3) Nominal full-scale output current is 32 • IREF; see Application
Section for details. (4) Reference bandwidth depends on size of external capacitor at the BW pin and signal level. (5) Typically 45
µA for the PD pin, which has an
internal pull-down resistor. (6) Measured at fCLOCK = 50MSPS and fOUT = 1.0MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com