| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC32MX bảng dữ liệu(PDF) 20 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC32MX bảng dữ liệu(HTML) 20 Page - Microchip Technology |
|
20 / 544 page ![]() PIC32MX Starter Kit User’s Guide DS61144D-page 16 © 2009 Microchip Technology Inc. 2.5 STARTING THE TUTORIAL PROJECT Click the MPLAB IDE icon on your computer desktop. The MPLAB IDE opens with the starter kit tutorial project loaded, as shown in Figure 2-7. If the MPLAB IDE does not have the starter kit tutorial project loaded, select File>Open Workspace... from the menu bar and browse to the tutorial project file: [install directory]\PIC32 Starter Kits\ Starter_Kit_Tutorial\starter_kit_tutorial.mcw (or browse to the file path you used when you installed the MPLAB IDE). The pane on the left of the MPLAB IDE interface displays project files, the ‘.c’, ‘.h’ and ‘.a’ files that are used to build an application. The project files are organized by type into folders. “Starter Kit Found” should be displayed in the “Output” pane of the MPLAB IDE inter- face. If you do not see this message, select Debugger>Select Tool>PIC32MX Starter Kit from the menu bar. If that sequence fails to find the project, check the driver installation, as well as the connections between the hardware and the PC. FIGURE 2-7: MPLAB® IDE WORKSPACE |