| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC32MX bảng dữ liệu(PDF) 32 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC32MX bảng dữ liệu(HTML) 32 Page - Microchip Technology |
|
32 / 544 page ![]() PIC32MX Starter Kit User’s Guide DS61144D-page 28 © 2009 Microchip Technology Inc. EXAMPLE 3-1: PROJECT SOURCE CODE #include <plib.h> // Adds support for PIC32 Peripheral library functions and macros void Delay(unsigned int count) { while(--count); } int main(void) { /* LED setup - Turn off leds before configuring the IO pin as output */ mPORTDClearBits(BIT_0 | BIT_1 | BIT_2); // same as LATDCLR = 0x0007 /* Set RD0, RD1 and RD2 as outputs */ mPORTDSetPinsDigitalOut(BIT_0 | BIT_1 | BIT_2 ); // same as TRISDCLR = 0x0007 /* endless loop */ while(1) { Delay(200000); mPORTDToggleBits(BIT_0); // toggle LED0 (same as LATDINV = 0x0001) Delay(200000); mPORTDToggleBits(BIT_1); // toggle LED1 (same as LATDINV = 0x0002) Delay(200000); mPORTDToggleBits(BIT_2); // toggle LED2 (same as LATDINV = 0x0004) }; return 0; } |