| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC32MX bảng dữ liệu(PDF) 33 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC32MX bảng dữ liệu(HTML) 33 Page - Microchip Technology |
|
33 / 544 page ![]() Create a New Project © 2009 Microchip Technology Inc. DS61144D-page 29 7. In the Project window, right-click on the Source Files folder. Select Add Files and choose BlinkLED.c to add the file to the source directory, as shown in Figure 3-5. FIGURE 3-5: ADDING SOURCE FILES 8. Click Debugger>Select Tool>PIC32MX Starter Kit from the menu bar, for the Target board. Note: Make sure that the starter kit demo board is connected to your PC. |