| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE5010 bảng dữ liệu(PDF) 20 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE5010 bảng dữ liệu(HTML) 20 Page - Infineon Technologies AG |
|
20 / 56 page ![]() TLE5010 Electrical and Magnetic Parameters Draft Preliminary Data Sheet 20 V 0.9, 2007-05 5.5 Angle Calculation 5.5.1 Components of the Output Signals The X and Y signals at the output can be described with following equations: AX : Amplitude of X (= cos) Signal AY : Amplitude of Y (= sin) Signal OX : Offset of X (= cos) Signal OY : Offset of Y (= sin) Signal ϕ X : Phase error of X (= cos) Signal ϕ Y : Phase error of Y (= sin) Signal 5.5.2 GMR Error Compensation Temperature dependent Offset Value To increase the accuracy, the temperature dependent offset drift can be compensated. The temperature of the chip has to be read out. The Offset values OX and OY have to be multiplied with the Offset temperature coefficient and the temperature value. OX25 , OY25 : Offset value at 25°C in digits T25 : Temperature value at 25°C in digits T : Temperature value in digits ST : Sensitivity of the temperature measurement path, (see chapter “Temperature Measurement” on Page 46). XA X αϕ X + () cos × O X + = YA Y αϕ Y + () sin × O Y + = O X O X25 KT OX S T -------------- TT 25 – () × + = O Y O Y25 KT OY S T -------------- TT 25 – () × + = |