| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE5010 bảng dữ liệu(PDF) 33 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE5010 bảng dữ liệu(HTML) 33 Page - Infineon Technologies AG |
|
33 / 56 page ![]() TLE5010 Register Table Draft Preliminary Data Sheet 33 V 0.9, 2007-05 Bit Types Abbreviation Function Description L Locked Locked register. These registers can only be written, when the unlock- value is written in the lock register (0EH). This ensures, that these bits cannot be modified unwanted during normal operation. U Update Update-Buffer is for this bit is present. In case of an Update Command and the Update- Mode bit (UR in CTRL1) is set, the immediate values are stored in this Update-Buffer simultaneous. This enables a snapshot of all necessary system parameters at the same time. S Status Reset only after readout R Read Read-only registers W Write Read and write registers |