| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE5010 bảng dữ liệu(PDF) 52 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE5010 bảng dữ liệu(HTML) 52 Page - Infineon Technologies AG |
|
52 / 56 page ![]() TLE5010 Package Information Draft Preliminary Data Sheet 52 V 0.9, 2007-05 Package Outline PG-DSO-8 Figure 21 Package Outline PG-DSO-8 GPS19032 1) Does not include plastic or metal protrusion of 0.15 max. per side 2) Max. 3˚ tilt of sensitive area to preference "E" 3) Independent from dimensions 1.65 and 1.22 -0.05 ±0.1 +0.1 5.06 0.41 8x 1 4 8 1.27 5 B 0.1 0.2 M D C C 6 ±0.2 0.64 0.33 x 45˚ ±0.08 1) ±0.25 Pin 1 ±0.08 4.9 D SEATING PLANE 8x ±0.1 3.9 E A 1.27 3 x = 3.81 0.4 B 2.53 A Detail A Sensitive Area Center of Index Marking ø0.6 Sensitive Area 2) |