| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
2N1613 bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
2N1613 bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 5 page ![]() ELECTRICAL CHARACTERISTICS (T amb =25 °C unless otherwise specified) Symbol Parameter Test Conditions Min. Typ. Max. Unit I CBO Collector Cutoff Current (IE =0) VCB =60 V VCB =60 V T amb =150 °C 10 10 nA µA I EBO Emitter Cutoff Current (IC =0) VEB =5 V for 2N 16 13 for 2N 17 11 10 5 nA nA V(BR) CBO Collector-base Breakdown Voltage I C = 0.1 mA 75 V V(BR)CE R* Collector-emitter Breakdown Voltage (R BE ≤ 10 Ω) I C =10 mA 50 V V(BR) EBO Emitter-base Breakdown Voltage (IC =0) I E = 0.1 mA 7 V VCE (s at )* Collector-emitter Saturation Voltage I C = 150 mA I B = 15 mA 0.5 1.5 V VBE (sat) * Base-emitter Saturation Voltage I C = 150 mA I B = 15 mA 0.95 1.3 V h FE* DC Current Gain for 2 N16 13 I C = 0.01 mA I C = 0.1 mA I C =10 mA I C =150 mA I C =500 mA I C =10 mA T amb =–55 °C VCE =10 V VCE =10 V VCE =10 V VCE =10 V VCE =10 V VCE =10 V 20 35 40 20 20 35 50 80 80 55 35 120 h FE* DC Current Gain for 2 N17 11 I C = 0.01 mA I C = 0.1 mA I C =10 mA I C =150 mA I C =500 mA I C =10 mA T amb =55 °C VCE =10 V VCE =10 V VCE =10 V VCE =10 V VCE =10 V VCE =10 V 20 35 60 80 130 130 75 65 300 h fe Small Signal Current Gain for 2 N16 13 I C =1 mA f = 1 kHz for 2 N17 11 I C =1 mA f = 1 kHz VCE =10 V VCE =10 V 30 70 70 135 150 300 f t Transition Frequency I C =50 mA f = 20 MHz VCE =10 V for 2N 16 13 for 2N 17 11 60 70 80 100 MHz MHz C EBO Emitter-base Capacitance I C =0 f= 1 MHz VEB = 0.5 V 50 80 pF C CBO Collector-base Capacitance I E =0 f= 1 MHz VCB =10 V 18 25 pF * Pulsed : pulse duration = 300 µs, duty cycle = 1 %. THERMAL DATA Rth j-case R th j-amb Thermal Resistance Junction-case Thermal Resistance Junction-ambient Max Max 58 219 °C/W °C/W 2N1613-2N1711 2/5 |