công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CGA2 bảng dữ liệu(PDF) 10 Page - TDK Electronics

tên linh kiện CGA2
Giải thích chi tiết về linh kiện  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TDK [TDK Electronics]
Trang chủ  http://www.tdk.com
Logo TDK - TDK Electronics

CGA2 bảng dữ liệu(HTML) 10 Page - TDK Electronics

Back Button CGA2 Datasheet HTML 6Page - TDK Electronics CGA2 Datasheet HTML 7Page - TDK Electronics CGA2 Datasheet HTML 8Page - TDK Electronics CGA2 Datasheet HTML 9Page - TDK Electronics CGA2 Datasheet HTML 10Page - TDK Electronics CGA2 Datasheet HTML 11Page - TDK Electronics CGA2 Datasheet HTML 12Page - TDK Electronics CGA2 Datasheet HTML 13Page - TDK Electronics CGA2 Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
(10/19)
20210823 / mlcc_automotive_soft_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
■For details such as the catalog numbers, please refer to the capacitance range table on page 11 and after.
Standard thickness
  
1.30 mm 
2.00 mm 
2.30 mm 
2.50 mm
■For details such as the catalog numbers, please refer to the capacitance range table on page 11 and after.
Standard thickness
  
2.30 mm 
2.50 mm
■For details such as the catalog numbers, please refer to the capacitance range table on page 11 and after.
■For details such as the catalog numbers, please refer to the capacitance range table on page 11 and after.
Capacitance range chart
CGA7/4520 [1808 inch]
Capacitance
X7R
Standard thickness
1.30 mm
(pF)
Code
3D
(2kV)
1,000
102
Capacitance range chart
CGA8/4532 [1812 inch]
Capacitance
C0G
X7R
X7T
(pF)
Code
3F
(3kV)
2J
(630V)
3D
(2kV)
2J
(630V)
2E
(250V)
2J
(630V)
2W
(450V)
2E
(250V)
330
331
2,200
222
33,000
333
100,000
104
220,000
224
470,000
474
1,000,000
105
Capacitance range chart
CGA9/5750 [2220 inch]
Capacitance
C0G
X7R
X7S
X7T
(pF)
Code
2J
(630V)
2E
(250V)
2A
(100V)
2J
(630V)
2E
(250V)
2A
(100V)
2J
(630V)
2W
(450V)
2E
(250V)
68,000
683
150,000
154
220,000
224
470,000
474
1,000,000
105
2,200,000
225
10,000,000
106
Capacitance range chart
CGAD/7563 [3025 inch]
Capacitance
X7R
Standard thickness
2.30 mm
(pF)
Code
1E
(25V)
47,000,000
476



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com