công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CGA2 bảng dữ liệu(PDF) 3 Page - TDK Electronics

tên linh kiện CGA2
Giải thích chi tiết về linh kiện  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TDK [TDK Electronics]
Trang chủ  http://www.tdk.com
Logo TDK - TDK Electronics

CGA2 bảng dữ liệu(HTML) 3 Page - TDK Electronics

  CGA2 Datasheet HTML 1Page - TDK Electronics CGA2 Datasheet HTML 2Page - TDK Electronics CGA2 Datasheet HTML 3Page - TDK Electronics CGA2 Datasheet HTML 4Page - TDK Electronics CGA2 Datasheet HTML 5Page - TDK Electronics CGA2 Datasheet HTML 6Page - TDK Electronics CGA2 Datasheet HTML 7Page - TDK Electronics CGA2 Datasheet HTML 8Page - TDK Electronics CGA2 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
(3/19)
20210823 / mlcc_automotive_soft_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
CGA series
Soft termination
Type: CGA2/1005 [0402 inch], CGA3/1608 [0603 inch], CGA4/2012 [0805 inch],
CGA5/3216 [1206 inch], CGA6/3225 [1210 inch], CGA7/4520 [1808 inch],
CGA8/4532 [1812 inch], CGA9/5750 [2220 inch], CGAD/7563 [3025 inch]
■SERIES OVERVIEW
Soft termination CGA series, automotive grade of TDK's multilayer ceramic chip capacitor, is a product incorporating a conductive resin layer into
the terminal electrodes. The resin layer protects the ceramic body from cracks by relieving stress caused by thermal shock and board flexure.
■FEATURES
• High resistance to mechanical stress and thermal shock by resin lay-
ers
• X8R and X8L type whose maximum temperature are up to 150°C are
available
• C0G type having excellent stable temperature and DC-bias character-
istics is also available
• AEC-Q200 compliant
■APPLICATIONS
• Fail-safe design for battery line
• Prevention of ceramic element crack by board bending
• Prevention of solder crack by thermal shock
• Equipment such as mobile devices and smart key having a high pos-
sibility of drop
■SHAPE & DIMENSIONS
■TERMINAL ELECTRODE STRUCTURES
General type
Soft termination
Dimensional tolerances are typical values.
T
L
G
B
L
W
T
B
G
Body length
Body width
Body height
Terminal width
Terminal spacing
Sn
Ni
Conductive resin layer
Cu
3-layer structure of Cu, Ni and
Sn.
4-layer structure including con-
ductive resin layer.
Dimensions in mm
Type
L
W
T
B
G
CGA2
1.00+0.15,-0.05
0.50+0.10,-0.05
0.50+0.10,-0.05
0.10 min.
0.30 min.
CGA3
1.60+0.20,-0.10
0.80+0.15,-0.10
0.80+0.15,-0.10
0.20 min.
0.30 min.
CGA4
2.00+0.45,-0.20
1.25+0.25,-0.20
1.25+0.25,-0.20
0.20 min.
0.50 min.
CGA5
3.20+0.40,-0.20
1.60+0.30,-0.20
1.60+0.30,-0.20
0.20 min.
1.00 min.
CGA6
3.20+0.50,-0.40
2.50±0.30
2.50±0.30
0.20 min.
—
CGA7
4.50+0.50,-0.40
2.00+0.30,-0.20
1.30±0.20
0.20 min.
—
CGA8
4.50+0.50,-0.40
3.20±0.40
2.50±0.30
0.20 min.
—
CGA9
5.70+0.50,-0.40
5.00±0.40
2.50±0.30
0.20 min.
—
CGAD
7.50±0.50
6.30±0.50
2.50 max.
0.30 min.
—
REACH
SVHC-Free
Lead
Free
RoHS
Pb
Halogen
Free
Br
Cl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com