công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCA2129T/Q900/2 bảng dữ liệu(PDF) 51 Page - NXP Semiconductors

tên linh kiện PCA2129T/Q900/2
Giải thích chi tiết về linh kiện  Automotive accurate RTC with integrated quartz crystal
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2129T/Q900/2 bảng dữ liệu(HTML) 51 Page - NXP Semiconductors

Back Button PCA2129T/Q900/2 Datasheet HTML 47Page - NXP Semiconductors PCA2129T/Q900/2 Datasheet HTML 48Page - NXP Semiconductors PCA2129T/Q900/2 Datasheet HTML 49Page - NXP Semiconductors PCA2129T/Q900/2 Datasheet HTML 50Page - NXP Semiconductors PCA2129T/Q900/2 Datasheet HTML 51Page - NXP Semiconductors PCA2129T/Q900/2 Datasheet HTML 52Page - NXP Semiconductors PCA2129T/Q900/2 Datasheet HTML 53Page - NXP Semiconductors PCA2129T/Q900/2 Datasheet HTML 54Page - NXP Semiconductors PCA2129T/Q900/2 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 84 page
background image
PCA2129
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 19 December 2014
51 of 84
NXP Semiconductors
PCA2129
Automotive accurate RTC with integrated quartz crystal
9.
Interfaces
The PCA2129 has an I2C-bus or SPI-bus interface using the same pins. The selection is
done using the interface selection pin IFS (see Table 74).
9.1 SPI-bus interface
Data transfer to and from the device is made by a 3 line SPI-bus (see Table 75). The data
lines for input and output are split. The data input and output line can be connected
together to facilitate a bidirectional data bus (see Figure 28). The SPI-bus is initialized
whenever the chip enable line pin SDA/CE is inactive.
Table 74.
Interface selection input pin IFS
Pin
Connection
Bus interface
Reference
IFS
VSS
SPI-bus
Section 9.1
BBS
I2C-bus
Section 9.2
To select the SPI-bus interface, pin IFS has to be
connected to pin VSS.
To select the I2C-bus interface, pin IFS has to be
connected to pin BBS.
a. SPI-bus interface selection
b. I2C-bus interface selection
Fig 27. Interface selection
Fig 28. SDI, SDO configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com