công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD-6409/883 bảng dữ liệu(PDF) 7 Page - Renesas Technology Corp

tên linh kiện HD-6409/883
Giải thích chi tiết về linh kiện  CMOS Manchester Encoder-Decoder
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD-6409/883 bảng dữ liệu(HTML) 7 Page - Renesas Technology Corp

  HD-6409/883 Datasheet HTML 1Page - Renesas Technology Corp HD-6409/883 Datasheet HTML 2Page - Renesas Technology Corp HD-6409/883 Datasheet HTML 3Page - Renesas Technology Corp HD-6409/883 Datasheet HTML 4Page - Renesas Technology Corp HD-6409/883 Datasheet HTML 5Page - Renesas Technology Corp HD-6409/883 Datasheet HTML 6Page - Renesas Technology Corp HD-6409/883 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
FN2959 Rev 1.00
Page 7 of 7
March 1997
HD-6409/883
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2002. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
Die Characteristics
DIE DIMENSIONS:
88
x 78x 19 1mils
METALLIZATION:
Type: Silicon - Aluminum
Thickness: Metal 1: 8k
Å 1kÅ
Metal 2
: 16kÅ 1kÅ
GLASSIVATION:
Type: Si3N4
SiOX
Thickness: 10k
Å 2kÅ
WORST CASE CURRENT DENSITY:
0.8 x 105 A/cm2
Metallization Mask Layout
HD-6409/883
UDI
BOI
BZI
VCC
BOO
SD/CDS
SDO
SRST
NVM
DCLK
RST
GND
CO
IX
OX
MS
CTS
ECLK
SS
BZO



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com