công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD-6409/883 bảng dữ liệu(PDF) 3 Page - Renesas Technology Corp

tên linh kiện HD-6409/883
Giải thích chi tiết về linh kiện  CMOS Manchester Encoder-Decoder
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD-6409/883 bảng dữ liệu(HTML) 3 Page - Renesas Technology Corp

  HD-6409/883 Datasheet HTML 1Page - Renesas Technology Corp HD-6409/883 Datasheet HTML 2Page - Renesas Technology Corp HD-6409/883 Datasheet HTML 3Page - Renesas Technology Corp HD-6409/883 Datasheet HTML 4Page - Renesas Technology Corp HD-6409/883 Datasheet HTML 5Page - Renesas Technology Corp HD-6409/883 Datasheet HTML 6Page - Renesas Technology Corp HD-6409/883 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HD-6409/883
FN2959 Rev 1.00
Page 3 of 7
March 1997
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7.0V
Input, Output or I/O Voltage Applied. . . . . GND -0.5V to VCC +0.5V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Operating Conditions
Operating Temperature Range . . . . . . . . . . . . . . . . -55oC to +125oC
Operating Voltage Range . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Input Rise and Fall Times. . . . . . . . . . . . . . . . . . . . . . . . . .50ns Max
Sync. Transition Span (t2) . . . . . . . . . 1.5 DBP Typical, (Notes 1, 2)
Short Data Transition Span (t4) . . . . . 0.5 DBP Typical, (Notes 1, 2)
Long Data Transition Span (t5). . . . . . 1.0 DBP Typical, (Notes 1, 2)
Zero Crossing Tolerance (tCD5). . . . . . . . . . . . . . . . . . . . . . (Note 3)
Thermal Resistance
JA (oC/W) JC (oC/W)
CERDIP Package . . . . . . . . . . . . . . . .
83
23
CLCC Package . . . . . . . . . . . . . . . . . .
95
26
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65oC to +150oC
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +175oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . +300oC
Die Characteristics
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 250 Gates
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. DBP - Data Bit Period. Clock Rate = 16X, one DBP = 16 Clock Cycles; Clock Rate = 32X; one DBP = 32 Clock Cycles.
2. The input conditions specified are nominal values, the actual input waveforms transition spans may vary by
2 IX clock cycles (16X mode)
or
6 IX clock cycles (32X mode).
3. The maximum zero crossing tolerance is
2 IX clock cycles (16X mode) or6 IX clock cycles (32X mode) from the nominal.
TABLE 1. HD-6409/883 DC ELECTRICAL PERFORMANCE SPECIFICATIONS
Device Guaranteed and 100% Tested
PARAMETER
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Logic “1” Input Voltage
VIH
VCC = 4.5V
1, 2, 3
-55oC
 TA  +125oC
70%
VCC
-V
Logic “0” Input voltage
VIL
VCC = 4.5V
1, 2, 3
-55oC
 TA  +125oC
-
20% VCC
V
Logic “1” Input Voltage
(RST)
VIHR
VCC = 5.5V
1, 2, 3
-55oC
 TA  +125oC
VCC -0.5
-
V
Logic “0” Input Voltage
(RST)
VILR
VCC = 4.5V
1, 2, 3
-55oC
 TA  +125oC
-
GND +0.5
V
Logic “1” Input Voltage (IX)
VIHC
VCC = 5.5V
1, 2, 3
-55oC
 TA  +125oC
VCC -0.5
-
V
Logic “0” Input Voltage (IX)
VlLC
VCC = 4.5V
1, 2, 3
-55oC
 TA  +125oC
-
GND +0.5
V
Input Leakage Current
(Except IX)
II
VIN = VCC or
GND
VCC = 5.5V
1, 2, 3
-55oC
 TA  +125oC
-1.0
+1.0
A
Input Leakage Current (IX)
II
VlN = VCC or
GND
VCC = 5.5V
1, 2, 3
-55oC
 TA  +125oC-20
+20
A
I/O Leakage Current
IO
VOUT = VCC
or GND
VCC = 5.5V
1, 2, 3
-55oC
 TA  +125oC-10
+10
A
Output HIGH Voltage
(All except OX)
VOH
IOH = -2.0mA
VCC = 4.5V
(Note 1)
1, 2, 3
-55oC
 TA  +125oC
VCC -0.4
-
V
Output LOW Voltage
(All except OX)
VOL
IOL = +2.0mA
VCC = 4.5V
(Note 1)
1, 2, 3
-55oC
 TA  +125oC-
0.4
V



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com