công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ACT8846 bảng dữ liệu(PDF) 48 Page - Qorvo, Inc

tên linh kiện ACT8846
Giải thích chi tiết về linh kiện  Advanced PMU for Multi-core Application Processors
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  QORVO [Qorvo, Inc]
Trang chủ  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8846 bảng dữ liệu(HTML) 48 Page - Qorvo, Inc

Back Button ACT8846 Datasheet HTML 44Page - Qorvo, Inc ACT8846 Datasheet HTML 45Page - Qorvo, Inc ACT8846 Datasheet HTML 46Page - Qorvo, Inc ACT8846 Datasheet HTML 47Page - Qorvo, Inc ACT8846 Datasheet HTML 48Page - Qorvo, Inc ACT8846 Datasheet HTML 49Page - Qorvo, Inc ACT8846 Datasheet HTML 50Page - Qorvo, Inc ACT8846 Datasheet HTML 51Page - Qorvo, Inc ACT8846 Datasheet HTML 52Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 63 page
background image
ACT8846
Advanced PMU for Multi-core
Application Processors
Data Sheet Rev. 13.0, Nov. 11, 2019 | Subject to change without notice
48 of 63
www.qorvo.com
Shutdown
The processor can turn OUT6/7/8/9/10/11 on and off via I2C when PWREN is held high. All outputs except OUT12/13
turn off when PWREN is pulled low. NOTE that I2C register bit WDSREN must set to 1 before pulling PWREN low. If
WDSREN does is not set to 1, the outputs will not turn on when PWREN is pulled high again.
PWREN
Connect PWREN to the processor to control OUT1/2/3/4/5. Pulling PWREN high turns these outputs on. Pulling PWREN
low turns off all outputs except OUT11/12.
nPBIN
nPBIN must be left floating. It does not provide pushbutton functionality with this CMI option.
NRSTO
nRSTO is gated by OUT12 and has a 2ms delay.
DVS
DVS functionality is only available via I2C.
VSELR2
VSELR2 should be tied to ground. VSELR2 does not have functionality with this CMI option.
GPIO1/2/3/4/5/6
These outputs are off by default but can be enabled via I2C. GPIO3 frequency and duty cycle are 256Hz and 50%.
GPIO4/5/6 frequency and duty cycle are 0.25Hz and 6.25%.
Watchdog
All watchdog functionality is disabled by default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com