công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ACT8846 bảng dữ liệu(PDF) 30 Page - Qorvo, Inc

tên linh kiện ACT8846
Giải thích chi tiết về linh kiện  Advanced PMU for Multi-core Application Processors
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  QORVO [Qorvo, Inc]
Trang chủ  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8846 bảng dữ liệu(HTML) 30 Page - Qorvo, Inc

Back Button ACT8846 Datasheet HTML 26Page - Qorvo, Inc ACT8846 Datasheet HTML 27Page - Qorvo, Inc ACT8846 Datasheet HTML 28Page - Qorvo, Inc ACT8846 Datasheet HTML 29Page - Qorvo, Inc ACT8846 Datasheet HTML 30Page - Qorvo, Inc ACT8846 Datasheet HTML 31Page - Qorvo, Inc ACT8846 Datasheet HTML 32Page - Qorvo, Inc ACT8846 Datasheet HTML 33Page - Qorvo, Inc ACT8846 Datasheet HTML 34Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 63 page
background image
ACT8846
Advanced PMU for Multi-core
Application Processors
Data Sheet Rev. 13.0, Nov. 11, 2019 | Subject to change without notice
30 of 63
www.qorvo.com
SYSTEM CONTROL INFORMATION
Interfacing with the Rockchip RK31x8 processors
The ACT8846 is optimized for the Rockchip RK31x8
processors, supporting both the power domains as well
as the signal interface. The following paragraphs de-
scribe how to design ACT8846 with the RK31x8 proces-
sors.
While the ACT8846 supports many possible configura-
tions for powering these processors, one of the most
common configurations is detailed in this datasheet.
In general, this document refers to the ACT8846 pin
names and functions. However, in cases where the
description of interconnections between these devices
benefits by doing so, both the ACT8846 pin names and
the RK31x8 processors pin names are provided. When
this is done, the RK31x8 pin names are located after the
ACT8846 pin names, and are italicized and located in-
side parentheses. For example, PWREN (GPIOX) re-
fers to the logic signal applied to the ACT8846's
PWREN input, identifying that it is driven from the
RK31x8's GPIOX output.
Table 1:
ACT8846 and Rockchip RK31x8 Power Domains
Table 2:
ACT8846 and Rockchip RK31x8 Power Mode
ACT8846
Regulator
Power Domain
DEFAULT
VOLTAGE
MAX
CURRENT
POWER UP
ORDER
ON/OFF @
SLEEP
TYPE
REG1
VCC_DDR
Adjustable
1.5A
5
ON
DC/DC Step Down
REG2
VDD_LOG
1.0V
2.8A
5
ON
DC/DC Step Down
REG3
VDD_ARM
1.0V
2.8A
4
OFF
DC/DC Step Down
REG4
VCC_IO
3.0V
1.5A
1
ON
DC/DC Step Down
REG5
VDD_10
1.0V
150mA
2
ON
Low-Noise LDO
REG6
VDD_JETTA1V2
1.2V
150mA
/
OFF
Low-Noise LDO
REG7
VCC18_CIF
1.8V
350mA
/
OFF
Low-Noise LDO
REG8
VCCA_33
3.3V
350mA
/
OFF
Low-Noise LDO
REG9
VCC_TP
3.3V
350mA
/
OFF
Low-Noise LDO
REG10
VCC_JETTA3V3
3.3V
150mA
/
OFF
Low Input-Voltage LDO
REG11
VCC18_IO
1.8V
350mA
3
ON
Low Input-Voltage LDO
REG12
VCC28_CIF
2.8V
350mA
/
OFF
Low Input-Voltage LDO
REG13
VDD_RTC
1.8V
50mA
0
ON
Always-ON LDO
Power Mode
Control State
Power Domain State
Quiescent Current
ALL ON
PWRHLD is asserted, PWREN is asserted
All Regulators ON
0.6mA
SHUTDOWN
PWRHLD is de-asserted, PWREN is de-asserted,
VINL2 > 2.6V
REG13 is ON, all other
regulators are off.
10µA
ALL OFF
PWRHLD is de-asserted, PWREN is de-asserted,
VINL2 < 2.2V
All regulators off.
5 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com