| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
13892 bảng dữ liệu(PDF) 42 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
13892 bảng dữ liệu(HTML) 42 Page - Freescale Semiconductor, Inc |
|
42 / 158 page ![]() FUNCTIONAL DEVICE OPERATION PROGRAMMABILITY Analog Integrated Circuit Device Data 42 Freescale Semiconductor MC13892 Figure 6. SPI Transfer Protocol Multiple Read/Write Access SPI ELECTRICAL & TIMING REQUIREMENTS The following diagram and table summarize the SPI electrical and timing requirements. The SPI input and output levels are set independently via the SPIVCC pin by connecting it to the desired supply. This would typically be tied to SW4 programmed for 1.80 V. The strength of the MISO driver is programmable through the SPIDRV[1:0] bits. Figure 7. SPI Interface Timing Diagram |