| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM6DSV80XTR bảng dữ liệu(PDF) 135 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSV80XTR bảng dữ liệu(HTML) 135 Page - STMicroelectronics |
|
135 / 181 page ![]() 13.1.6 FSM_EXT_MATRIX_XY_L (C8h) and FSM_EXT_MATRIX_XY_H (C9h) External sensor transformation matrix register (R/W) The value is expressed as half-precision floating-point format: SEEEEEFFFFFFFFFF (S: 1 sign bit; E: 5 exponent bits; F: 10 fraction bits). Table 344. FSM_EXT_MATRIX_XY_L register FSM_EXT_ MAT_XY_7 FSM_EXT_ MAT_XY_6 FSM_EXT_ MAT_XY_5 FSM_EXT_ MAT_XY_4 FSM_EXT_ MAT_XY_3 FSM_EXT_ MAT_XY_2 FSM_EXT_ MAT_XY_1 FSM_EXT_ MAT_XY_0 Table 345. FSM_EXT_MATRIX_XY_L register description FSM_EXT_MAT_XY_[7:0] Transformation matrix row1 col2 (and row2 col1) coefficient (LSbyte). Default value: 00000000 Table 346. FSM_EXT_MATRIX_XY_H register FSM_EXT_ XY_15 FSM_EXT_ XY_14 FSM_EXT_ XY_13 FSM_EXT_ XY_12 FSM_EXT_ XY_11 FSM_EXT_ XY_10 FSM_EXT_ XY_9 FSM_EXT_ XY_8 Table 347. FSM_EXT_MATRIX_XY_H register description FSM_EXT_MAT_XY_[15:8] Transformation matrix row1 col2 (and row2 col1) coefficient (MSbyte). Default value: 00000000 13.1.7 FSM_EXT_MATRIX_XZ_L (CAh) and FSM_EXT_MATRIX_XZ_H (CBh) External sensor transformation matrix register (R/W) The value is expressed as half-precision floating-point format: SEEEEEFFFFFFFFFF (S: 1 sign bit; E: 5 exponent bits; F: 10 fraction bits). Table 348. FSM_EXT_MATRIX_XZ_L register FSM_EXT_ MAT_XZ_7 FSM_EXT_ MAT_XZ_6 FSM_EXT_ MAT_XZ_5 FSM_EXT_ MAT_XZ_4 FSM_EXT_ MAT_XZ_3 FSM_EXT_ MAT_XZ_2 FSM_EXT_ MAT_XZ_1 FSM_EXT_ MAT_XZ_0 Table 349. FSM_EXT_MATRIX_XZ_L register description FSM_EXT_MAT_XZ_[7:0] Transformation matrix row1 col3 (and row3 col1) coefficient (LSbyte). Default value: 00000000 Table 350. FSM_EXT_MATRIX_XZ_H register FSM_EXT_ MAT_XZ_15 FSM_EXT_ MAT_XZ_14 FSM_EXT_ MAT_XZ_13 FSM_EXT_ MAT_XZ_12 FSM_EXT_ MAT_XZ_11 FSM_EXT_ MAT_XZ_10 FSM_EXT_ MAT_XZ_9 FSM_EXT_ MAT_XZ_8 Table 351. FSM_EXT_MATRIX_XZ_H register description FSM_EXT_MAT_XZ_[15:8] Transformation matrix row1 col3 (and row3 col1) coefficient (MSbyte). Default value: 00000000 LSM6DSV80X Embedded advanced features register description DS14764 - Rev 1 page 135/181 |