công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LSM6DSV80XTR bảng dữ liệu(PDF) 138 Page - STMicroelectronics

tên linh kiện LSM6DSV80XTR
Giải thích chi tiết về linh kiện  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80XTR bảng dữ liệu(HTML) 138 Page - STMicroelectronics

Back Button LSM6DSV80XTR Datasheet HTML 134Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 135Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 136Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 137Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 138Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 139Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 140Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 141Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 181 page
background image
13.1.11
EXT_CFG_A (D4h)
External sensor coordinates (Z and Y axes) rotation register (r/w).
Table 364. EXT_CFG_A register
0(1)
EXT_Y_
AXIS2
EXT_Y_
AXIS1
EXT_Y_
AXIS0
0(1)
EXT_Z_
AXIS2
EXT_Z_
AXIS1
EXT_Z_
AXIS0
1. This bit must be set to 0 for the correct operation of the device.
Table 365. EXT_CFG_A description
EXT_Y_AXIS[2:0]
External sensor Y-axis coordinates rotation (to be aligned to accelerometer/gyroscope axes orientation)
(000: Y = Y; (default)
001: Y = -Y;
010: Y = X;
011: Y = -X;
100: Y = -Z;
101: Y = Z;
Others: Y = Y)
EXT_Z_AXIS[2:0]
External sensor Z-axis coordinates rotation (to be aligned to accelerometer/gyroscope axes orientation)
(000: Z = Y;
001: Z = -Y;
010: Z = X;
011: Z = -X;
100: Z = -Z;
101: Z = Z; (default)
Others: Z = Y)
13.1.12
EXT_CFG_B (D5h)
External sensor coordinates (X-axis) rotation register (r/w).
Table 366. EXT_CFG_B register
0(1)
0(1)
0(1)
0(1)
0(1)
EXT_X_
AXIS2
EXT_X_
AXIS1
EXT_X_
AXIS0
1. This bit must be set to 0 for the correct operation of the device.
Table 367. EXT_CFG_B description
EXT_X_AXIS[2:0]
External sensor X-axis coordinates rotation (to be aligned to accelerometer/gyroscope axes orientation)
(000: X = Y;
001: X = -Y;
010: X = X; (default)
011: X = -X;
100: X = -Z;
101: X = Z;
Others: X = Y)
LSM6DSV80X
Embedded advanced features register description
DS14764 - Rev 1
page 138/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More