công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LSM6DSV80XTR bảng dữ liệu(PDF) 70 Page - STMicroelectronics

tên linh kiện LSM6DSV80XTR
Giải thích chi tiết về linh kiện  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80XTR bảng dữ liệu(HTML) 70 Page - STMicroelectronics

Back Button LSM6DSV80XTR Datasheet HTML 66Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 67Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 68Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 69Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 70Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 71Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 72Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 73Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 181 page
background image
9.31
OUTY_L_G (24h) and OUTY_H_G (25h)
Angular rate sensor roll axis (Y) angular rate output register (R). The value is expressed as a 16-bit word in two’s
complement.
Data are according to the full-scale (CTRL6 (15h)) and ODR settings (CTRL2 (11h)) of the gyroscope user
interface.
Table 89. OUTY_L_G register
D7
D6
D5
D4
D3
D2
D1
D0
Table 90. OUTY_H_G register
D15
D14
D13
D12
D11
D10
D9
D8
Table 91. OUTY_G register description
D[15:0]
Gyroscope UI chain roll axis (Y) angular rate output value
9.32
OUTZ_L_G (26h) and OUTZ_H_G (27h)
Angular rate sensor yaw axis (Z) angular rate output register (R). The value is expressed as a 16-bit word in two’s
complement.
Data are according to the full-scale (CTRL6 (15h)) and ODR settings (CTRL2 (11h)) of the gyroscope user
interface.
Table 92. OUTZ_L_G register
D7
D6
D5
D4
D3
D2
D1
D0
Table 93. OUTZ_H_G register
D15
D14
D13
D12
D11
D10
D9
D8
Table 94. OUTZ_H_G register description
D[15:0]
Gyroscope UI chain yaw axis (Z) angular rate output value
LSM6DSV80X
Register description
DS14764 - Rev 1
page 70/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com