| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM6DSV80XTR bảng dữ liệu(PDF) 132 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSV80XTR bảng dữ liệu(HTML) 132 Page - STMicroelectronics |
|
132 / 181 page ![]() 13 Embedded advanced features register description 13.1 Page 0 - embedded advanced features registers 13.1.1 FSM_EXT_SENSITIVITY_L (BAh) and FSM_EXT_SENSITIVITY_H (BBh) External sensor sensitivity value register for the finite state machine (R/W) This register corresponds to the conversion value of the external sensor. The register value is expressed as half- precision floating-point format: SEEEEEFFFFFFFFFF (S: 1 sign bit; E: 5 exponent bits; F: 10 fraction bits). Default value of FSM_EXT_S_[15:0] bits is 0x1624 (when using an external magnetometer this value corresponds to 0.0015 gauss/LSB). Table 324. FSM_EXT_SENSITIVITY_L register FSM_EXT_ S_7 FSM_EXT_ S_6 FSM_EXT_ S_5 FSM_EXT_ S_4 FSM_EXT_ S_3 FSM_EXT_ S_2 FSM_EXT_ S_1 FSM_EXT_ S_0 Table 325. FSM_EXT_SENSITIVITY_L register description FSM_EXT_S_[7:0] External sensor sensitivity (LSbyte). Default value: 00100100 Table 326. FSM_EXT_SENSITIVITY_H register FSM_EXT_ S_15 FSM_EXT_ S_14 FSM_EXT_ S_13 FSM_EXT_ S_12 FSM_EXT_ S_11 FSM_EXT_ S_10 FSM_EXT_ S_9 FSM_EXT_ S_8 Table 327. FSM_EXT_SENSITIVITY_H register description FSM_EXT_S_[15:8] External sensor (MSbyte). Default value: 00010110 LSM6DSV80X Embedded advanced features register description DS14764 - Rev 1 page 132/181 |