công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32U375CEU6QTR bảng dữ liệu(PDF) 35 Page - STMicroelectronics

tên linh kiện STM32U375CEU6QTR
Giải thích chi tiết về linh kiện  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CEU6QTR bảng dữ liệu(HTML) 35 Page - STMicroelectronics

Back Button STM32U375CEU6QTR Datasheet HTML 31Page - STMicroelectronics STM32U375CEU6QTR Datasheet HTML 32Page - STMicroelectronics STM32U375CEU6QTR Datasheet HTML 33Page - STMicroelectronics STM32U375CEU6QTR Datasheet HTML 34Page - STMicroelectronics STM32U375CEU6QTR Datasheet HTML 35Page - STMicroelectronics STM32U375CEU6QTR Datasheet HTML 36Page - STMicroelectronics STM32U375CEU6QTR Datasheet HTML 37Page - STMicroelectronics STM32U375CEU6QTR Datasheet HTML 38Page - STMicroelectronics STM32U375CEU6QTR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 222 page
background image
3.23
Comparators (COMP)
The device embeds two ultra-low-power comparators, COMP1 and COMP2. These comparators can be used for
a variety of functions including:
•
Wake-up from low-power mode triggered by an analog signal
•
Analog signal conditioning
•
Cycle-by-cycle current control loop when combined with a PWM output from a timer
The COMP main features are:
•
Each comparator has configurable plus and minus inputs used for flexible voltage selection:
–
Multiplexed I/O pins
–
Internal reference voltage and three submultiple values (1/4, 1/2, 3/4) provided by a scaler (buffered
voltage divider)
–
Programmable hysteresis
•
Programmable speed/consumption
•
Outputs that can be redirected to an I/O or to timer inputs for triggering break events for fast PWM
shutdowns
•
Comparator outputs with blanking source
•
Comparators that can be combined as a window comparator
•
Interrupt generation capability for each comparator with wake-up from Sleep and Stop modes (through the
EXTI controller)
3.24
Operational amplifiers (OPAMP)
The STM32U375xx devices embed two operational amplifiers with two inputs and one output each. The three
I/Os can be connected to the external pins, this enables any type of external interconnections. The operational
amplifier can be configured internally as a follower or as an amplifier with a non-inverting gain ranging from 2 to
16. The positive input can be connected to the internal DAC. The output can be connected to the internal ADC.
The operational amplifier features are:
•
Rail-to-rail input voltage range
•
Low input bias current
•
Low input offset voltage
•
Low-power mode
•
High-speed mode to achieve a better slew rate
•
Fast wake-up time
•
Gain bandwidth of 1.6 MHz
3.25
Audio digital filter (ADF)
The ADF is a high-performance module dedicated to the connection of external ∑∆ modulators. It is mainly
targeted for the following applications:
•
Audio capture signals
•
Metering
The ADF features one digital serial interface (SITF0) and one digital filter (DFLT0) with flexible digital processing
options to offer up to 24-bit final resolution.
The ADF serial interface supports several standards allowing the connection of various ∑∆ modulator sensors:
•
SPI interface
•
Manchester coded 1-wire interface
•
PDM interface
The ADF converts an input data stream into clean decimated digital data words. This conversion is done thanks to
low-pass digital filters and decimation blocks. In addition, it is possible to insert a high-pass filter.
The conversion speed and resolution are adjustable according to configurable parameters for digital processing:
filter type, filter order, decimation ratio. The maximum output data resolution is up to 24 bits. There are two
conversion modes: single conversion and continuous modes. The data can be automatically stored in a system
RAM buffer through DMA, thus reducing the software overhead.
STM32U375xx
Functional overview
DS14861 - Rev 2
page 35/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com