công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32U375CEU6QTR bảng dữ liệu(PDF) 49 Page - STMicroelectronics

tên linh kiện STM32U375CEU6QTR
Giải thích chi tiết về linh kiện  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CEU6QTR bảng dữ liệu(HTML) 49 Page - STMicroelectronics

Back Button STM32U375CEU6QTR Datasheet HTML 45Page - STMicroelectronics STM32U375CEU6QTR Datasheet HTML 46Page - STMicroelectronics STM32U375CEU6QTR Datasheet HTML 47Page - STMicroelectronics STM32U375CEU6QTR Datasheet HTML 48Page - STMicroelectronics STM32U375CEU6QTR Datasheet HTML 49Page - STMicroelectronics STM32U375CEU6QTR Datasheet HTML 50Page - STMicroelectronics STM32U375CEU6QTR Datasheet HTML 51Page - STMicroelectronics STM32U375CEU6QTR Datasheet HTML 52Page - STMicroelectronics STM32U375CEU6QTR Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 222 page
background image
Table 16. SPI features
SPI feature
SPI1, SPI2
(full feature set instances)
SPI3
(limited feature set instance)
Data size
Configurable from 4 to 32-bit
8/16-bit
CRC computation
CRC polynomial length configurable from 5
to 33-bit
CRC polynomial length 9/17-bit
Size of FIFOs
16x 8-bit
8x 8-bit
Number of transfered data
Up to 65536
Up to 1024, no remaining data
counter (CTSIZE)
Autonomous in Stop 0 and Stop 1 mode
with wake-up capability
Yes
Yes
3.38
Serial audio interfaces (SAI)
The devices embed one SAI. Refer to Table 17. SAI features for the features implementation. The SAI bus
interface handles communications between the microcontroller and the serial audio protocol.
The SAI peripheral supports:
•
Two independent audio subblocks that can be transmitters or receivers with their respective FIFO
•
8-word integrated FIFOs for each audio subblock
•
Synchronous or asynchronous mode between the audio subblocks
•
Master or slave configuration independent for both audio subblocks
•
Clock generator for each audio block to target independent audio frequency sampling when both audio
subblocks are configured in master mode
•
Data size configurable: 8-, 10-, 16-, 20-, 24-, 32-bit
•
Peripheral with large configurability and flexibility allowing to target as example the following audio protocol:
I2S, LSB or MSB-justified, PCM/DSP, TDM, AC'97
•
Up to 16 slots available with configurable size
•
Number of bits by frame may be configurable
•
PDM interface, supporting up to 4 microphone pairs
•
SPDIF output available if required
•
Frame synchronization active level configurable (offset, bit length, level)
•
First active bit position in the slot is configurable
•
LSB first or MSB first for data transfer
•
Mute mode
•
Stereo/mono audio frame capability
•
Communication clock strobing edge configurable (SCK)
•
Error flags with associated interrupts if enabled respectively
–
Overrun and underrun detection
–
Anticipated frame synchronization signal detection in Slave mode
–
Late frame synchronization signal detection in Slave mode
–
Codec not ready for the AC'97 mode in reception
•
Interruption sources when enabled:
–
Errors
–
FIFO requests
•
2-channel DMA interface
STM32U375xx
Functional overview
DS14861 - Rev 2
page 49/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com