công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32U375CEU6QTR bảng dữ liệu(PDF) 27 Page - STMicroelectronics

tên linh kiện STM32U375CEU6QTR
Giải thích chi tiết về linh kiện  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CEU6QTR bảng dữ liệu(HTML) 27 Page - STMicroelectronics

Back Button STM32U375CEU6QTR Datasheet HTML 23Page - STMicroelectronics STM32U375CEU6QTR Datasheet HTML 24Page - STMicroelectronics STM32U375CEU6QTR Datasheet HTML 25Page - STMicroelectronics STM32U375CEU6QTR Datasheet HTML 26Page - STMicroelectronics STM32U375CEU6QTR Datasheet HTML 27Page - STMicroelectronics STM32U375CEU6QTR Datasheet HTML 28Page - STMicroelectronics STM32U375CEU6QTR Datasheet HTML 29Page - STMicroelectronics STM32U375CEU6QTR Datasheet HTML 30Page - STMicroelectronics STM32U375CEU6QTR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 222 page
background image
Figure 5. Clock tree
MSIK in
PLL mode
MSIS in
PLL mode
MCO2
HCLK
FCLK Cortex free running clock
To Cortex system timer
AUDIOCLK
HSI RC 16 MHz
HSI16
LSI
HSE
SYSCLK
HSI48
MSIS
HSI48 RC 48 MHz
MSIK
Clock source
control
LSI
LSE
LSE
AHB
PRESC
/ 1,2,..512
/ 1→128
OSC_OUT
OSC_IN
HSE OSC
4-50 MHz
Clock
detector
HSE
MSIK
MSIS
HSI16
HSI48
/ 8
To APB1 peripherals
PCLK1
To FDCAN1
MSIK
To LPTIM2
HSI16
LSE
LSI
To I3C1
MSIK
To I2Cx (x = 1,2)
MSIK
To SPIx (x = 2,3)
MSIK
To USART3, UART4, UART5
HSI16
x3
x1 or x2
To TIMx (x = 2,3,4,6,7)
APB1
PRESC
/ 1,2,4,8,16
CRS clock
MSIK
To APB2 peripherals
PCLK2
APB2
PRESC
/ 1,2,4,8,16
To OCTOSPI1
To SDMMC1
To ADC1,2 and DAC1
ICLK
To APB3 peripherals
PCLK3
DAC1 sample and hold clock
LSE
To LPUART1
MSIK
HSI16
MSIK
To I2C3
LSE
LSI
/ 1 to 512
MSIK
HSE
APB3
PRESC
/ 1,2,4,8,16
To RNG
MSIK
/1, 2
MSIK
HSE
To SAI1
MSIK
HSE
To ADF1
MSIK
To I3C2
MSIK
To SPI1
MSIK
To USART1
HSI16
To TIMx (x = 1,15,16,17)
x1 or x2
To AHB bus, core, memory and DMA
To RTC
OSC32_OUT
OSC32_IN
LSE OSC
32.768 kHz
Clock
detector
To LPTIM3, LPTIM4
LSCO
/ 32
To IWDG
LSI RC
32 kHz or 250 Hz
LSI
LSI
LSE
HSI16
MSIK
x2
SYSCLK
To USB1
HSE
MCO
/ 1→128
To LPTIM1
MSIS 3 - 96 MHz
MSIK 3 - 96 MHz
HSE = 16 MHz
HSE = 32 MHz
LSE = 32.768 kHz
/2
STM32U375xx
Functional overview
DS14861 - Rev 2
page 27/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com