| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32U375CE bảng dữ liệu(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U375CE bảng dữ liệu(HTML) 4 Page - STMicroelectronics |
|
4 / 222 page ![]() 1 Introduction This document provides information on STM32U375xx devices, such as description, functional overview, pin assignment and definition, electrical characteristics, packaging and ordering information. For information on the device errata with respect to the datasheet and reference manual, refer to the STM32U375xx errata sheet (ES0626). For information on the Arm® Cortex®-M33 core, refer to the Arm® Cortex®-M33 Processor Technical Reference Manual, available from the www.arm.com website. Note: Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere. STM32U375xx Introduction DS14861 - Rev 2 page 4/222 |