| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32U375CE bảng dữ liệu(PDF) 213 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U375CE bảng dữ liệu(HTML) 213 Page - STMicroelectronics |
|
213 / 222 page ![]() 3.16.1 Nested vectored interrupt controller (NVIC).................................... 30 3.16.2 Extended interrupt/event controller (EXTI) .................................... 30 3.17 Cyclic redundancy check calculation unit (CRC).................................... 30 3.18 Octo-SPI interface (OCTOSPI) .................................................. 31 3.19 Delay block .................................................................. 31 3.20 Analog-to-digital converter (ADC) ................................................ 32 3.20.1 Temperature sensor ..................................................... 33 3.20.2 Internal voltage reference (VREFINT) ........................................ 33 3.20.3 VBAT battery voltage monitoring ............................................ 34 3.21 Digital-to-analog converter (DAC) ................................................ 34 3.22 Voltage reference buffer (VREFBUF) ............................................. 34 3.23 Comparators (COMP).......................................................... 35 3.24 Operational amplifiers (OPAMP) ................................................. 35 3.25 Audio digital filter (ADF) ........................................................ 35 3.26 Touch sensing controller (TSC) .................................................. 36 3.27 Random number generator (RNG) ............................................... 37 3.28 HASH hardware accelerator (HASH) ............................................. 37 3.29 Public key accelerator (PKA) .................................................... 38 3.30 Timers and watchdogs ......................................................... 38 3.30.1 Advanced-control timers (TIM1) ............................................ 38 3.30.2 General-purpose timers (TIM2, TIM3, TIM4, TIM15, TIM16, TIM17) ................. 39 3.30.3 Basic timers (TIM6 and TIM7) .............................................. 39 3.30.4 Low-power timers (LPTIM1, LPTIM2, LPTIM3, LPTIM4) .......................... 39 3.30.5 Infrared interface........................................................ 40 3.30.6 Independent watchdog (IWDG)............................................. 40 3.30.7 Window watchdog (WWDG) ............................................... 40 3.30.8 SysTick timer .......................................................... 41 3.31 Real-time clock (RTC) ......................................................... 41 3.32 Tamper and backup registers (TAMP) ............................................ 41 3.33 Inter-integrated circuit interface (I2C) ............................................. 42 3.34 Improved inter-integrated circuit interface (I3C) .................................... 43 3.35 Universal synchronous/asynchronous receiver transmitter (USART) ................... 45 3.36 Low-power universal asynchronous receiver transmitter (LPUART) ................... 46 3.37 Serial peripheral interface (SPI) ................................................. 48 3.38 Serial audio interfaces (SAI) .................................................... 49 3.39 Secure digital input/output and MultiMediaCards interface (SDMMC) .................. 50 STM32U375xx Contents DS14861 - Rev 2 page 213/222 |