| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP86FS28DFG bảng dữ liệu(PDF) 213 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86FS28DFG bảng dữ liệu(HTML) 213 Page - Toshiba Semiconductor |
|
213 / 272 page ![]() Page 201 TMP86FS28DFG 16.4 Control Method of LCD Driver 16.4.1 Initial setting Figure 16-5 shows the flowchart of initialization. Figure 16-5 Initial Setting of LCD Driver 16.4.2 Store of display data Generally, display data are prepared as fixed data in program memory (ROM) and stored in display data area by load command. Example : To operate a 1/4 duty LCD of 40 segments × 4 com-mons at frame frequency fc/216 [Hz], and booster fre- quency fc/213 [Hz] LD (LCDCR), 01000001B ; Sets LCD driving method and frame frequency. Boost frequency LD (P*LCR), 0FFH ; Sets segment output control register. (*; Port No.) : : : : ; Sets the initial value of display data. LD (LCDCR), 11000001B ; Display enable Sets LCD driving method (DUTY). Sets frame frequency (SLF). Sets segment output control registers (P*LCR (*; Port No.)) Initialization of display data area. Display enable (EDSP) (Releases from blanking.) Sets boost frequency (VFSEL). Enables booster circuit (BRES) |