| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP86FS28DFG bảng dữ liệu(PDF) 58 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86FS28DFG bảng dữ liệu(HTML) 58 Page - Toshiba Semiconductor |
|
58 / 272 page ![]() Page 46 4. Special Function Register (SFR) 4.1 SFR TMP86FS28DFG Note 1: Do not access reserved areas by the program. Note 2: − ; Cannot be accessed. Note 3: Write-only registers and interrupt latches cannot use the read-modify-write instructions (Bit manipulation instructions such as SET, CLR, etc. and logical operation instructions such as AND, OR, etc.). 0026H Reserved 0027H Reserved 0028H Reserved 0029H Reserved 002AH Reserved 002BH P3OUTCR 002CH EIRE 002DH EIRD 002EH ILE 002FH ILD 0030H Reserved 0031H - STOPCR 0032H P0OUTCR 0033H Reserved 0034H - WDTCR1 0035H - WDTCR2 0036H TBTCR 0037H EINTCR 0038H SYSCR1 0039H SYSCR2 003AH EIRL 003BH EIRH 003CH ILL 003DH ILH 003EH Reserved 003FH PSW Address Read Write |