| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP93CS40 bảng dữ liệu(PDF) 72 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS40 bảng dữ liệu(HTML) 72 Page - Toshiba Semiconductor |
|
72 / 248 page ![]() TMP93CS40/TMP93CS41 2004-02-10 93CS40-70 3.5.6 Port 5 (P50 to P57) Port 5 is an 8-bit input port, also used as an analog input pin for the internal AD converter. Figure 3.5.12 Port 5 Port 5 Register 7 6 5 4 3 2 1 0 P5 Bit symbol P57 P56 P55 P54 P53 P52 P51 P50 (000DH) Read/Write R After reset Input mode Note: The input channel selection of the AD converter is set by AD converter mode register ADMOD2. Figure 3.5.13 Registers for Port 5 Port 5 P50 to P57 (AN0 to AN7) AD read Conversion result register AD converter Channel selector Port 5 read |