| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP93CS40 bảng dữ liệu(PDF) 40 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS40 bảng dữ liệu(HTML) 40 Page - Toshiba Semiconductor |
|
40 / 248 page ![]() TMP93CS40/TMP93CS41 2004-02-10 93CS40-38 The addresses 008000H to 0080FFH (256 bytes) of the TMP93CS40 and TMP93CS41 are assigned as interrupt vector areas. Table 3.4.1 TMP93CS40/TMP93CS41 Interrupt Table Default Priority Type Interrupt Source Vector Value “v” Address Referring to Vector Micro DMA Start Vector 1 2 3 4 5 6 7 8 9 10 Non- maskable Reset, or SWI0 instruction SWI 1 instruction Illegal instruction, or SWI2 SWI 3 instruction SWI 4 instruction SWI 5 instruction SWI 6 instruction SWI 7 instruction NMI: NMI pin input INTWD: Watchdog timer 000 0H 000 4H 000 8H 0 00C H 001 0H 001 4H 001 8H 0 01C H 002 0H 002 4H 8 000H 8 004H 8 008H 80 0 C H 8 010H 8 014H 8 018H 80 1 C H 8 020H 8 024H − − − − − − − − 08H 09H 11 12 13 14 15 − 16 17 18 19 20 21 22 23 24 25 26 27 28 − − Maskable INT0: INT0 pin input INT4: INT4 pin input INT5: INT5 pin input INT6: INT6 pin input INT7: INT7 pin input (Reserved) INTT0: 8-bit timer 0 INTT1: 8-bit timer 1 INTT2: 8-bit timer 2/PWM 0 INTT3: 8-bit timer 3/PWM 1 INTTR4: 16-bit timer 4 (TREG4) INTTR5: 16-bit timer 4 (TREG5) INTTR6: 16-bit timer 5 (TREG6) INTTR7: 16-bit timer 5 (TREG7) INTRX0: Serial receive (Channel 0) INTTX0: Serial send (Channel 0) INTRX1: Serial receive (Channel 1) INTTX1: Serial send (Channel 1) INTAD: AD conversion completion (Reserved) (Reserved) 002 8H 0 02C H 003 0H 003 4H 003 8H 0 03C H 004 0H 004 4H 004 8H 0 04C H 005 0H 005 4H 005 8H 0 05C H 006 0H 006 4H 006 8H 0 06C H 007 0H 007 4H to 00 F C H 8 028H 80 2 C H 8 030H 8 034H 8 038H 80 3 C H 8 040H 8 044H 8 048H 80 4 C H 8 050H 8 054H 8 058H 80 5 C H 8 060H 8 064H 8 068H 80 6 C H 8 070H 8 074H to 80F C H 0AH 0BH 0CH 0DH 0EH − 10H 11H 12H 13H 14H 15H 16H 17H 18H 19H 1AH 1BH 1CH − to − |