công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPSD3422 bảng dữ liệu(PDF) 217 Page - STMicroelectronics

tên linh kiện UPSD3422
Giải thích chi tiết về linh kiện  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 bảng dữ liệu(HTML) 217 Page - STMicroelectronics

Back Button UPSD3422 Datasheet HTML 213Page - STMicroelectronics UPSD3422 Datasheet HTML 214Page - STMicroelectronics UPSD3422 Datasheet HTML 215Page - STMicroelectronics UPSD3422 Datasheet HTML 216Page - STMicroelectronics UPSD3422 Datasheet HTML 217Page - STMicroelectronics UPSD3422 Datasheet HTML 218Page - STMicroelectronics UPSD3422 Datasheet HTML 219Page - STMicroelectronics UPSD3422 Datasheet HTML 220Page - STMicroelectronics UPSD3422 Datasheet HTML 221Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 293 page
background image
uPSD34xx
PSD module
217/293
Figure 75.
DPLD Logic Array
28.5.27
General PLD (GPLD)
The GPLD is used to create general system logic. Figure 74 on page 215 shows the
architecture of the entire GPLD, and Figure 76 on page 218 shows the relationship between
one OMC, one IMC, and one I/O port pin, which is representative of pins on Ports A, B, and
C. It is important to understand how these elements work together. A more detailed
description will follow for the three major blocks (OMC, IMC, I/O Port) shown in Figure 76.
Figure 76 also shows which csiop registers to access for various PLD and I/O functions.
The GPLD contains:
●
16 Output Macrocells (OMC)
●
20 Input Macrocells (IMC)
●
OMC Allocator
●
Product Term Allocator inside each OMC
●
AND-OR Array capable of generating up to 137 product terms
●
Three I/O Ports, A, B, and C
FS0
FS1
FS7
FS6
FS5
FS4
FS3
FS2
MAIN
FLASH
MEMORY
SECTOR
SELECTS
CSBOOT0
CSBOOT3
CSBOOT2
CSBOOT1
SECONDARY
FLASH
MEMORY
SECTOR
SELECTS
RS0
SRAM
SELECT
CSIOP
I/O & CONTROL
REGISTERS
SELECT
ECS0
ECS1
EXTERNAL
CHIP-
SELECTS
(PORT D)
PSEL0
PSEL1
PERIPHERAL
I/O MODE
RANGE
SELECTS
8032 ADDRESS (A0 - A15)
16
4
1
POWER-DOWN INDICATOR (PDN)
1
PIN INPUT PORTS A, B, C (IMCs)
20
PIN INPUT PORT D
2
OMC FEEDBACK (MCELLAB.FB0-7)
8
PAGE REGISTER (PGR0 - PGR7)
8
8
1
OMC FEEDBACK (MCELLBC.FB0-7)
PLD INPUT BUS
3
3
3
3
3
3
3
3
3
3
3
3
2
1
1
1
1
1
NUMBER OF
PRODUCT TERMS
AI06601A
PSM MODULE RESET (RST)
FLASH MEM PROG STATUS (RDYBSY)
8032 CNTL (RD, WR, PSEN, ALE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More