công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMPR3911 bảng dữ liệu(PDF) 90 Page - Toshiba Semiconductor

tên linh kiện TMPR3911
Giải thích chi tiết về linh kiện  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 bảng dữ liệu(HTML) 90 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 86Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 87Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 88Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 89Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 90Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 91Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 92Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 93Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 94Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 462 page
background image
Chapter 3 CPU Module
3-6
3.3.4
DMA Arbitration
The DMA arbiter allows the SIU to launch DMA transactions to the BIU. The SIU will initiate a
DMA transaction by pulsing the SStart signal. Once this occurs, the DMA arbiter will assert the DMA
Request signal to the CPU core. The CPU core will then assert the DMA Grant signal to indicate that
the CPU is now idling. If the SIU is performing a DMA write (as indicated by the SWrite signal), the
SAddr, SData and SByteEn signals will then be loaded into the Write Buffer once there is space
available in the Write Buffer. As soon as the Write Buffer loads the signals, the DMA Arbitration logic
will assert the SAck signal to indicate to the SIU that the DMA write is complete.
At the same time that the data is loaded into the Write Buffer, the Snoop signal is asserted to the CPU
core. The snoop logic in the CPU core will invalidate the cache locations defined by the SAddr bits
when the Snoop signal is asserted. This provides cache coherency during DMA to simplify managing
the cache.
For a DMA read transaction, the SRead signal will be asserted by the SIU. The Write Buffer will
always be flushed before allowing the DMA read to begin. Once the Write Buffer is empty, the DMA
read will begin and the SAck signal will be asserted to end the DMA read once the BIU asserts the Ack
signal. The SIU will receive data input via the DataIn bus. The SBurst signal from the SIU is used to
initiate burst reads. The SIU will only request 4-word bursts, thus the BurstLen signals will be set to a
burst length of 4 whenever the SBurst signal is asserted during DMA reads.
3.3.5
CPU Stop Mode
In order to reduce the power dissipation in the CPU core, the clock to the CPU core can be disabled.
This is possible since the CPU core designs are implemented as fully static. The CPU core will
normally be in Stop Mode and will only be active to process interrupts. The CPU enters to the CPU
Stop Mode by setting the STOPCPU control bit in the Power Control Register. The STOPCPU control
bit will go to the DMA Arbitration logic, which will assert DMA Request to the CPU core upon the
STOPCPU signal being asserted. Once the CPU core responds with a DMA Grant, the DMA arbiter
will assert a signal FSTOPCPU that is given to the Clock Generator to disable the clock to the CPU
core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com