| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMPR3911 bảng dữ liệu(PDF) 39 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR3911 bảng dữ liệu(HTML) 39 Page - Toshiba Semiconductor |
|
39 / 462 page ![]() 4 Precautions and Usage Considerations 4-1 4. Precautions and Usage Considerations This section describes matters specific to each product group which need to be taken into consideration when using devices. If the same item is described in Sections 3 and 4, the description in Section 4 takes precedence. 4.1 Microcontrollers 4.1.1 Design (1) Using resonators which are not specifically recommended for use Resonators recommended for use with Toshiba products in microcontroller oscillator applications are listed in Toshiba databooks along with information about oscillation conditions. If you use a resonator not included in this list, please consult Toshiba or the resonator manufacturer concerning the suitability of the device for your application. (2) Undefined functions In some microcontrollers certain instruction code values do not constitute valid processor instructions. Also, it is possible that the values of bits in registers will become undefined. Take care in your applications not to use invalid instructions or to let register bit values become undefined. |