công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32H562IG bảng dữ liệu(PDF) 14 Page - STMicroelectronics

tên linh kiện STM32H562IG
Giải thích chi tiết về linh kiện  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562IG bảng dữ liệu(HTML) 14 Page - STMicroelectronics

Back Button STM32H562IG Datasheet HTML 10Page - STMicroelectronics STM32H562IG Datasheet HTML 11Page - STMicroelectronics STM32H562IG Datasheet HTML 12Page - STMicroelectronics STM32H562IG Datasheet HTML 13Page - STMicroelectronics STM32H562IG Datasheet HTML 14Page - STMicroelectronics STM32H562IG Datasheet HTML 15Page - STMicroelectronics STM32H562IG Datasheet HTML 16Page - STMicroelectronics STM32H562IG Datasheet HTML 17Page - STMicroelectronics STM32H562IG Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 270 page
background image
Description
STM32H562xx and STM32H563xx
14/270
DS14258 Rev 5
2
Description
The STM32H562xx and STM32H563xx devices are high-performance microcontrollers of
the STM32H5 series, based on the high-performance Arm® Cortex®-M33 32-bit RISC core.
They operate at a frequency of up to 250 MHz.
The Cortex®-M33 core features a single-precision floating-point unit (FPU), which supports
all the Arm® single-precision data-processing instructions and all the data types. This core
implements a full set of DSP (digital signal processing) instructions and a memory protection
unit (MPU) that enhances the application security.
The devices embed high-speed memories (up to 2 Mbytes of dual bank flash memory and
640 Kbytes of SRAM), a flexible external memory controller (FMC) for devices with
packages of 100 pins and more, one OCTOSPI memory interface (at least one Quad-SPI
available on all packages), and an extensive range of enhanced I/Os and peripherals
connected to three APB buses, three AHB buses, and a 32-bit multi-AHB bus matrix.
The devices offer security foundation compliant with the trusted-based security architecture
(TBSA) requirements from Arm®. They embed the features to implement a secure firmware
update. Besides these capabilities, the devices incorporate a secure firmware installation
that allows the customer to secure the provisioning of the code during its production. A
flexible life cycle is managed thanks to multiple levels of protection and secure debug
authentication. Firmware hardware isolation is supported thanks to securable peripherals,
memories, and I/Os, and to privilege configuration of peripherals and memories.
The devices feature several protection mechanisms for embedded flash memory and
SRAM: readout protection, write protection, secure, and hide protection areas.
Dedicated peripherals reinforce security: an HASH hardware accelerator, and a true random
number generator.
The devices offer active tamper detection and protection against transient and
environmental perturbation attacks, thanks to several internal monitoring, generating secret
data erase in case of attack. This helps to fit the PCI requirements for point of sales
applications.
The devices offer two fast 12-bit ADCs, two DAC channels, an internal voltage reference
buffer, a low-power RTC, two 32-bit general-purpose timers, two 16-bit PWM timers
dedicated to motor control, eight 16-bit general-purpose timers, two 16-bit basic timers, and
six 16-bit low-power timers.
The devices also feature standard and advanced communication interfaces, namely: four
I2Cs, one I3C, six SPIs, three I2Ss, six USARTs, six UARTs and one low-power UART, two
SAIs, one digital camera interface (DCMI), up to two SDMMCs, up to two FDCANs, one
USB full-speed, one USB Type-C®/USB power delivery controller, an Ethernet interface
(available only on STM32H563xx).
The devices operate in the -40 to +85 °C (+130 °C junction) and -40 to +125 °C (+130 °C
junction) temperature ranges, with a 1.71 to 3.6 V power supply.
A comprehensive set of power-saving modes allow the design of low-power applications.
Independent power supplies are supported: an analog independent supply input for ADC,
DACs, a 3.3 V dedicated supply input for USB, and a dedicated supply input for some
GPIOs and SDMMC. A VBAT input is available to connect a backup battery, to preserve the
RTC functionality, and to backup 32 32-bit registers and a 4-Kbyte SRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com