công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32H562IG bảng dữ liệu(PDF) 7 Page - STMicroelectronics

tên linh kiện STM32H562IG
Giải thích chi tiết về linh kiện  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562IG bảng dữ liệu(HTML) 7 Page - STMicroelectronics

Back Button STM32H562IG Datasheet HTML 3Page - STMicroelectronics STM32H562IG Datasheet HTML 4Page - STMicroelectronics STM32H562IG Datasheet HTML 5Page - STMicroelectronics STM32H562IG Datasheet HTML 6Page - STMicroelectronics STM32H562IG Datasheet HTML 7Page - STMicroelectronics STM32H562IG Datasheet HTML 8Page - STMicroelectronics STM32H562IG Datasheet HTML 9Page - STMicroelectronics STM32H562IG Datasheet HTML 10Page - STMicroelectronics STM32H562IG Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 270 page
background image
DS14258 Rev 5
7/270
STM32H562xx and STM32H563xx
Contents
5.3.32
Low-power timer characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 218
5.3.33
Communication interfaces . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 219
6
Package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 239
6.1
Device marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 239
6.2
LQFP64 package information (5W) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 240
6.3
VFQFPN68 package information (B029) . . . . . . . . . . . . . . . . . . . . . . . . 243
6.4
WLCSP80 package information (B0D4) . . . . . . . . . . . . . . . . . . . . . . . . . 245
6.5
LQFP100 package information (1L) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 248
6.6
LQFP144 package information (1A) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 251
6.7
UFBGA169 package information (A0YV) . . . . . . . . . . . . . . . . . . . . . . . . 255
6.8
LQFP176 package information (1T) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 258
6.9
UFBGA(176+25) package information (A0E7) . . . . . . . . . . . . . . . . . . . . 262
6.10
Package thermal characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 264
6.10.1
Reference documents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 265
7
Ordering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 266
8
Important security notice . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 267
9
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 268



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com