công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32H562IG bảng dữ liệu(PDF) 47 Page - STMicroelectronics

tên linh kiện STM32H562IG
Giải thích chi tiết về linh kiện  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562IG bảng dữ liệu(HTML) 47 Page - STMicroelectronics

Back Button STM32H562IG Datasheet HTML 43Page - STMicroelectronics STM32H562IG Datasheet HTML 44Page - STMicroelectronics STM32H562IG Datasheet HTML 45Page - STMicroelectronics STM32H562IG Datasheet HTML 46Page - STMicroelectronics STM32H562IG Datasheet HTML 47Page - STMicroelectronics STM32H562IG Datasheet HTML 48Page - STMicroelectronics STM32H562IG Datasheet HTML 49Page - STMicroelectronics STM32H562IG Datasheet HTML 50Page - STMicroelectronics STM32H562IG Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 270 page
background image
DS14258 Rev 5
47/270
STM32H562xx and STM32H563xx
Functional overview
62
3.33.2
General-purpose timers
(TIM2, TIM3, TIM4, TIM5, TIM15, TIM16, TIM17)
The devices embed up to seven synchronizable general-purpose timers (see Table 6), each
of them can be used to generate PWM outputs, or act as a simple time base.
•
TIM2 and TIM5
Full-featured general-purpose timers with 32-bit auto-reload up/down counter and
32-bit prescaler.
These timers feature four independent channels for input capture/output compare,
PWM or one-pulse mode output. They can work together, or with the other general-
purpose timers via the Timer Link feature for synchronization or event chaining.
The counters can be frozen in Debug mode. All have independent DMA request
generation and support quadrature encoders.
•
TIM3 and TIM4
Full-featured general-purpose timers, with 16-bit auto-reload up/down counter and
16-bit prescaler.
These timers feature four independent channels for input capture/output compare,
PWM or one-pulse mode output.
They can work together, or with the other general-purpose timers via the Timer Link
feature for synchronization or event chaining.
The counters can be frozen in Debug mode. All have independent DMA request
generation and support quadrature encoders.
•
TIM12, TIM13, TIM14, TIM15, TIM16, and TIM17
General-purpose timers with mid-range features, with 16-bit auto-reload up counter
and 16-bit prescaler.
–
TIM12 and TIM15 have two channels and one complementary channel
–
TIM13, TIM14, TIM16, and TIM17 have one channel and one complementary
channel
All channels can be used for input capture/output compare, PWM or one-pulse mode
output.
The timers can work together via the Timer Link feature for synchronization or event
chaining. The timers have independent DMA request generation.
The counters can be frozen in Debug mode.
3.33.3
Basic timers (TIM6, TIM7)
These timers are mainly used for DAC trigger generation. They can also be used as generic
16-bit timebase.
3.33.4
Low-power timers
(LPTIM1, LPTIM2, LPTIM3, LPTIM4, LPTIM5, LPTIM6)
The devices embed six low-power timers. These timers have an independent clock and are
running in Stop mode if they are clocked by LSE, LSI or an external clock. They are able to
wake up the system from Stop mode.
The low-power timers support the following features:
•
16-bit up counter with 16-bit autoreload register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com