| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCA9535CD bảng dữ liệu(PDF) 10 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9535CD bảng dữ liệu(HTML) 10 Page - NXP Semiconductors |
|
10 / 32 page ![]() xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx Fig 8. Write to Output Port registers 1 0 0 A2 A1 A0 0 A S0 START condition R/W acknowledge from slave 002aac220 A SCL SDA A write to port data out from port 0 P tv(Q) 9 8 7 6 5 4 3 2 1 command byte data to port 0 DATA 0 slave address 0000010 0 STOP condition 0.0 0.7 acknowledge from slave acknowledge from slave data to port 1 DATA 1 1.0 1.7 A data out from port 1 tv(Q) DATA VALID Fig 9. Write to Configuration registers 1 0 0 A2 A1 A0 0 A S0 START condition R/W acknowledge from slave 002aac221 A SCL SDA A P 9 8 7 6 5 4 3 2 1 command byte data to register DATA 0 slave address 0000110 0 STOP condition LSB MSB acknowledge from slave acknowledge from slave data to register DATA 1 LSB MSB A |