công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCA9535CD bảng dữ liệu(PDF) 28 Page - NXP Semiconductors

tên linh kiện PCA9535CD
Giải thích chi tiết về linh kiện  16-bit I2C-bus and SMBus, low power I/O port with interrupt
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9535CD bảng dữ liệu(HTML) 28 Page - NXP Semiconductors

Back Button PCA9535CD Datasheet HTML 24Page - NXP Semiconductors PCA9535CD Datasheet HTML 25Page - NXP Semiconductors PCA9535CD Datasheet HTML 26Page - NXP Semiconductors PCA9535CD Datasheet HTML 27Page - NXP Semiconductors PCA9535CD Datasheet HTML 28Page - NXP Semiconductors PCA9535CD Datasheet HTML 29Page - NXP Semiconductors PCA9535CD Datasheet HTML 30Page - NXP Semiconductors PCA9535CD Datasheet HTML 31Page - NXP Semiconductors PCA9535CD Datasheet HTML 32Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
PCA9535_PCA9535C_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 4 October 2007
28 of 32
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
For further information on temperature profiles, refer to Application Note
AN10365
“Surface mount reflow soldering description”.
16. Abbreviations
MSL: Moisture Sensitivity Level
Fig 29. Temperature profiles for large and small components
001aac844
temperature
time
minimum peak temperature
= minimum soldering temperature
maximum peak temperature
= MSL limit, damage level
peak
temperature
Table 18.
Abbreviations
Acronym
Description
ACPI
Advanced Configuration and Power Interface
CDM
Charged Device Model
CMOS
Complementary Metal Oxide Semiconductor
ESD
ElectroStatic Discharge
FET
Field-Effect Transistor
GPIO
General Purpose Input/Output
HBM
Human Body Model
I2C-bus
Inter IC bus
LED
Light Emitting Diode
MM
Machine Model
PCB
Printed-Circuit Board
SMBus
System Management Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32